Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF85063BTL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF85063BTL
Description  Tiny Real-Time Clock/calendar with alarm function and SPI-bus
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063BTL Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF85063BTL Datasheet HTML 1Page - NXP Semiconductors PCF85063BTL Datasheet HTML 2Page - NXP Semiconductors PCF85063BTL Datasheet HTML 3Page - NXP Semiconductors PCF85063BTL Datasheet HTML 4Page - NXP Semiconductors PCF85063BTL Datasheet HTML 5Page - NXP Semiconductors PCF85063BTL Datasheet HTML 6Page - NXP Semiconductors PCF85063BTL Datasheet HTML 7Page - NXP Semiconductors PCF85063BTL Datasheet HTML 8Page - NXP Semiconductors PCF85063BTL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
1.
General description
The PCF85063BTL is a CMOS1 Real-Time Clock (RTC) and calendar optimized for low
power consumption. An offset register allows fine-tuning of the clock. All addresses and
data are transferred serially via a Serial Peripheral Interface (SPI-bus) with a maximum
data rate of 6.25 Mbit/s. The register address is incremented automatically after each
written or read data byte.
2.
Features and benefits
Provides year, month, day, weekday, hours, minutes, and seconds based on a
32.768 kHz quartz crystal
Clock operating voltage: 0.9 V to 5.5 V
Low current; typical 0.22
Aat V
DD = 3.3 V and Tamb =25 C
3 line SPI-bus with a maximum data rate of 7 Mbit/s
Programmable clock output for peripheral devices (32.768 kHz, 16.384 kHz,
8.192 kHz, 4.096 kHz, 2.048 kHz, 1.024 kHz, and 1 Hz)
Selectable integrated oscillator load capacitors for CL =7pF or CL = 12.5 pF
Alarm function
Countdown timer
Minute and half minute interrupt
Internal Power-On Reset (POR)
Programmable offset register for frequency adjustment
3.
Applications
Digital still camera
Digital video camera
Printers
Copy machines
Mobile equipment
Battery powered devices
PCF85063BTL
Tiny Real-Time Clock/calendar with alarm function and
SPI-bus
Rev. 2 — 15 April 2013
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 19.


Similar Part No. - PCF85063BTL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85063B NXP-PCF85063B Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063B NXP-PCF85063B Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF85063B NXP-PCF85063B Datasheet
1Mb / 86P
   Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
More results

Similar Description - PCF85063BTL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
   SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
PCF85063TP NXP-PCF85063TP Datasheet
430Kb / 46P
   Tiny Real-Time Clock/calendar
Rev. 2-15 April 2013
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com