Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF85063ATL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF85063ATL
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063ATL Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF85063ATL Datasheet HTML 1Page - NXP Semiconductors PCF85063ATL Datasheet HTML 2Page - NXP Semiconductors PCF85063ATL Datasheet HTML 3Page - NXP Semiconductors PCF85063ATL Datasheet HTML 4Page - NXP Semiconductors PCF85063ATL Datasheet HTML 5Page - NXP Semiconductors PCF85063ATL Datasheet HTML 6Page - NXP Semiconductors PCF85063ATL Datasheet HTML 7Page - NXP Semiconductors PCF85063ATL Datasheet HTML 8Page - NXP Semiconductors PCF85063ATL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
PCF85063ATL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 15 April 2013
2 of 54
NXP Semiconductors
PCF85063ATL
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
4.
Ordering information
4.1 Ordering options
5.
Marking
6.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF85063ATL
HXSON10
plastic thermal enhanced extremely thin
small outline package; no leads;
10 terminals; body 2.6
 2.6  0.5 mm
SOT1197-1
Table 2.
Ordering options
Product type number
IC
revision
Sales item (12NC)
Delivery form
PCF85063ATL/1
1
935299022118
tape and reel, 13 inch
Table 3.
Marking codes
Product type number
Marking code
PCF85063ATL/1
063A
Fig 1.
Block diagram of PCF85063ATL
DDD
3&)$7/
&/.287
&/.2(
26&2
9''
966
6'$
6&/
26&,
,17
',9,'(5
N+]
26&,//$725
32:(521
5(6(7
O&%86
,17(5)$&(
&/2&.287
,17(55837
&21752/
5($/7,0(
&/2&.
6<67(0
&21752/
$/$50 $1'
7,0(5
&21752/
&/2&.
&$/,%5$7,21
2))6(7


Similar Part No. - PCF85063ATL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85063ATL NXP-PCF85063ATL Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063ATL NXP-PCF85063ATL Datasheet
698Kb / 55P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
PCF85063ATL/1 NXP-PCF85063ATL/1 Datasheet
698Kb / 55P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
PCF85063ATL1 NXP-PCF85063ATL1 Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
More results

Similar Description - PCF85063ATL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF85063BTL NXP-PCF85063BTL Datasheet
533Kb / 53P
   Tiny Real-Time Clock/calendar with alarm function and SPI-bus
Rev. 2-15 April 2013
PCF85363A NXP-PCF85363A Datasheet
966Kb / 86P
   Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
Rev. 3.1 ??18 June 2021
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com