Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU72340A Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU72340A
Description  8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU72340A Datasheet(HTML) 4 Page - New Japan Radio

  NJU72340A Datasheet HTML 1Page - New Japan Radio NJU72340A Datasheet HTML 2Page - New Japan Radio NJU72340A Datasheet HTML 3Page - New Japan Radio NJU72340A Datasheet HTML 4Page - New Japan Radio NJU72340A Datasheet HTML 5Page - New Japan Radio NJU72340A Datasheet HTML 6Page - New Japan Radio NJU72340A Datasheet HTML 7Page - New Japan Radio NJU72340A Datasheet HTML 8Page - New Japan Radio NJU72340A Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NJU72340A
– 4 –
ELECTRICAL CHARACTERISTICS (Ta=25°C, V
+/V-=
±7V, RL=47kΩ, Volume=0dB)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input/Output Characteristics (REC output)
REC Out Voltage Gain
GVREC
VIN=2Vrms, f=1kHz
-0.5
0
0.5
dB
REC Out
Output Noise
VNOREC
Rg=0
Ω, A-weight
-
-114
(2
µ)
-
dBV
(Vrms)
REC Out
Total Harmonic Distortion
T.H.DREC
f=1kHz, VIN =1Vrms,
BW=400Hz-30kHz
-
0.0003
0.05
%
REC Out
Maximum Attenuation
ATTREC
f=1kHz, VIN=2Vrms
REC Out=Mute, A-weight
-
-120
-
dB
Input Selector Gain Control Characteristics
Input Selector Gain Control
Voltage Gain 1
GVINC1
f=1kHz, VIN =2Vrms,
Input Selector Gain = 0dB
-1.0
0
+1.0
dB
Input Selector Gain Control
Voltage Gain 2
GVINC2
f=1kHz, VIN =2Vrms,
Input Selector Gain = -6dB
-7.0
-6.0
-5.0
dB
Input Selector Gain Control
Voltage Gain 3
GVINC3
f=1kHz, VIN =2Vrms,
Input Selector Gain = -12dB
-13.0
-12.0
-11.0
dB
Logic Control Characteristics
High Level Input Voltage
VIH
DATA, CLOCK
Terminal Input
2.5
-
V
+
V
Low Level Input Voltage
VIL
DATA, CLOCK
Terminal Input
0
-
1.0
V


Similar Part No. - NJU72340A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU72343 NJRC-NJU72343 Datasheet
479Kb / 16P
   8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
NJU72343V NJRC-NJU72343V Datasheet
479Kb / 16P
   8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
More results

Similar Description - NJU72340A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1199 NJRC-NJW1199 Datasheet
55Kb / 4P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1157 NJRC-NJW1157 Datasheet
311Kb / 22P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
Renesas Technology Corp
M61522FP RENESAS-M61522FP Datasheet
230Kb / 18P
   8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
logo
List of Unclassifed Man...
REJ03F0034_M61522FP ETC-REJ03F0034_M61522FP Datasheet
229Kb / 18P
   8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
logo
New Japan Radio
NJW1191V-TE1 NJRC-NJW1191V-TE1 Datasheet
273Kb / 20P
   4-channel Electronic Volume with Input Selector
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
   6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1191 NJRC-NJW1191 Datasheet
268Kb / 20P
   4-channel Electronic Volume with Input Selector
NJW1195A NJRC-NJW1195A Datasheet
85Kb / 3P
   4-Channel Electronic Volume with Input Selector
NJW1156 NJRC-NJW1156 Datasheet
195Kb / 13P
   2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1195 NJRC-NJW1195 Datasheet
87Kb / 3P
   4-Channel Electronic Volume with Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com