Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7068 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU7068
Description  14關A/ch, 16V Operation, Rail-to-Rail Output Quad CMOS Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7068 Datasheet(HTML) 1 Page - New Japan Radio

  NJU7068 Datasheet HTML 1Page - New Japan Radio NJU7068 Datasheet HTML 2Page - New Japan Radio NJU7068 Datasheet HTML 3Page - New Japan Radio NJU7068 Datasheet HTML 4Page - New Japan Radio NJU7068 Datasheet HTML 5Page - New Japan Radio NJU7068 Datasheet HTML 6Page - New Japan Radio NJU7068 Datasheet HTML 7Page - New Japan Radio NJU7068 Datasheet HTML 8Page - New Japan Radio NJU7068 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
[
1]
Ver.00
© New Japan Radio Co.,Ltd.
NJU7068
14µA/ch, 16V Operation, Rail-to-Rail Output
Quad CMOS Operational Amplifier
GENERAL DESCRIPTION
PACKAGE OUTLINE
The NJU7068 is a low power, high Voltage operation,
quad CMOS Operational Amplifier. It is tolerant to RF noise.
The NJU7068 can operate wide voltage range from
single-supply voltage of +4V to +16V. In addition, this
amplifier features Rail-to-Rail output and low input bias
current (1pA typ.). Because of these features, the NJU7068
is ideal for low side current sense amplifier.
■FEATURES
●Low Supply Current
14µA/ch typ. (at VDD=+5V),16.5µA/ch typ. (at VDD=+15V)
●Rail-to-Rail Output
GND + 0.05V to VDD – 0.1V min. (RL=10kΩ to 0V)
●Wide Operating Voltage
Vopr= 4V to 16V
●Input Offset Voltage
VIO=4mV max.
●Low Input Bias Current
1pA typ.
●Slew Rate
0.04V/µs typ.
●Gain Bandwidth Product
90kHz
●Enhanced RF Noise Immunity
●Package Outline
DMP14,SSOP14
●CMOS Process
■APPLICATIONS
●Battery-operated application
●Battery Monitor
●Current Sensor
●Photodiode application
■APPLICATION CIRCUIT
L
O
A
D
RS
R2
R1
R3
R4
R1=R3,R2=R4
VOUT=R2/R1 * RS * ILOAD
VOUT
ILOAD
Low-side Current Sensor
NJU7068M
(DMP14)
NJU7068V
(SSOP14)
■PIN CONFIGURATION
1
2
3
4
14
13
12
11
5
6
7
10
9
8
VDD
VSS
(Top View)
PIN FUNCTION
1:A OUTPUT
2:A -INPUT
3:A +INPUT
4:VDD
5:B +INPUT
6:B -INPUT
7:B OUTPUT
8:C OUTPUT
9:C -INPUT
10:C +INPUT
11:VSS
12:D +INPUT
13:D -INPUT
14:D OUTPUT


Similar Part No. - NJU7068

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7061 NJRC-NJU7061 Datasheet
163Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7061D NJRC-NJU7061D Datasheet
163Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7061M NJRC-NJU7061M Datasheet
163Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7061V NJRC-NJU7061V Datasheet
163Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7062 NJRC-NJU7062 Datasheet
163Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
More results

Similar Description - NJU7068

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7067 NJRC-NJU7067 Datasheet
396Kb / 12P
   14關A/ch, 16V Operation, Rail-to-Rail Output Dual CMOS Operational Amplifier
Ver.01
NJU7028 NJRC-NJU7028 Datasheet
320Kb / 10P
   13關A/ch, Rail-to-Rail Output Quad CMOS Operational Amplifier
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
April 1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com