Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM41031 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM41031
Description  VIDEO AMPLIFIER WITH LPF
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM41031 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM41031 Datasheet HTML 3Page - New Japan Radio NJM41031 Datasheet HTML 4Page - New Japan Radio NJM41031 Datasheet HTML 5Page - New Japan Radio NJM41031 Datasheet HTML 6Page - New Japan Radio NJM41031 Datasheet HTML 7Page - New Japan Radio NJM41031 Datasheet HTML 8Page - New Japan Radio NJM41031 Datasheet HTML 9Page - New Japan Radio NJM41031 Datasheet HTML 10Page - New Japan Radio NJM41031 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NJM41031
- 9 -
TYPICAL CHARACTERISTICS
Operating Current vs. Temperature
10
15
20
25
30
-50
-25
0
25
50
75
100
125
Ambient Temperature [
0C]
Operating Current at Power Save
Mode vs. Temperature
0
20
40
60
-50
-25
0
25
50
75
100
125
Ambient Temperature [
0C]
Maximam Output Voltage Swing
vs. Temperature
Total Harmonic Distotion=1%, 100kHz
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Ambient Temperature [
0C]
Low Pass Filter Charactrestic vs. Temperature
1.0Vpp, 108M/100kHz, Sine Signal Input
-50
-40
-30
-20
-50
-25
0
25
50
75
100
125
Ambient Temperature [
0C]
Low Pass Filter Charactrestic vs. Temperature
1.0Vpp, 6.75M/100kHz, Sine Signal Input
-1.00
-0.50
0.00
0.50
1.00
-50
-25
0
25
50
75
100
125
Ambient Temperature [
0C]
Low Pass Filter Charactrestic vs. Temperature
1.0Vpp, 108M/100kHz, Sine Signal Input
-50
-40
-30
-20
-50
-25
0
25
50
75
100
125
Ambient Temperature [
0C]


Similar Part No. - NJM41031

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM41030 NJRC-NJM41030 Datasheet
69Kb / 4P
   Operating Voltage Operating temperature range Small Package
NJM41035 NJRC-NJM41035 Datasheet
71Kb / 4P
   LOW VOLTAGE GAIN ADJUST SINGLE ISOLATION AMPLIFIER WITH LPF
More results

Similar Description - NJM41031

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8642 AGAMEM-AA8642 Datasheet
168Kb / 8P
   Dual Video Amplifier with LPF
logo
New Japan Radio
NJM2574 NJRC-NJM2574 Datasheet
551Kb / 10P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2575 NJRC-NJM2575 Datasheet
805Kb / 11P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2571 NJRC-NJM2571 Datasheet
450Kb / 9P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2576 NJRC-NJM2576 Datasheet
434Kb / 8P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2563 NJRC-NJM2563 Datasheet
118Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561 NJRC-NJM2561 Datasheet
128Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561A NJRC-NJM2561A Datasheet
95Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2575F1-TE1 NJRC-NJM2575F1-TE1 Datasheet
812Kb / 11P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2578 NJRC-NJM2578 Datasheet
828Kb / 9P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com