Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1690MD7 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJG1690MD7
Description  HIGH ISOLATION X-SPDT (DP4T) SWITCH GaAs MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1690MD7 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJG1690MD7 Datasheet HTML 4Page - New Japan Radio NJG1690MD7 Datasheet HTML 5Page - New Japan Radio NJG1690MD7 Datasheet HTML 6Page - New Japan Radio NJG1690MD7 Datasheet HTML 7Page - New Japan Radio NJG1690MD7 Datasheet HTML 8Page - New Japan Radio NJG1690MD7 Datasheet HTML 9Page - New Japan Radio NJG1690MD7 Datasheet HTML 10Page - New Japan Radio NJG1690MD7 Datasheet HTML 11Page - New Japan Radio NJG1690MD7 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
- 11 -
NJG1690MD7
I
I
I
I
PCB LAYOUT FOR EQFN14-D7
I
I
I
I
PRECAUTIONS
[1] For good RF performance, all GND terminals must be connected to PCB ground plane of substrate, and
via-holes for GND should be placed near the IC.
[2] For good RF performance, through-holes for GND should be placed close to the GND pin 6 and pin 13. One
of the ways to do this is to place a via-hole at the TAB pad under this IC.
■ RECOMMENDED FOOTPRINT PATTERN (EQFN14-D7 PACKAGE Reference)
9
10
11
12
13
14
8
7
6
5
4
3
2
1
GND Via Hole
Diameter: φ= 0.2mm
PKG
PCB
PKG:
1.6mm x 1.6mm
Pin pitch: 0.4mm
:Mask (Open area)
*Metal mask thickness : 100µm
:Resist(Open area)
:Land
PKG Outline
Detail A


Similar Part No. - NJG1690MD7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1692NB2 NJRC-NJG1692NB2 Datasheet
130Kb / 10P
   X-SPDT SWITCH GaAs MMIC
NJG1695ME7 NJRC-NJG1695ME7 Datasheet
440Kb / 12P
   High Isolation X-SP4T (DP8T) SWITCH
More results

Similar Description - NJG1690MD7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1662MD7 NJRC-NJG1662MD7 Datasheet
214Kb / 8P
   X-SPDT SWITCH GaAs MMIC
NJG1692NB2 NJRC-NJG1692NB2 Datasheet
130Kb / 10P
   X-SPDT SWITCH GaAs MMIC
logo
Stanford Microdevices
SSW-224 STANFORD-SSW-224 Datasheet
162Kb / 3P
   DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
   DC-4 GHz High Isolation GaAs MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC607 HITTITE-HMC607_09 Datasheet
214Kb / 6P
   GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
logo
Stanford Microdevices
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
   DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7_01 Datasheet
85Kb / 4P
   GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 6 GHz
logo
Stanford Microdevices
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
   DC-6 GHz High Isolation SPDT GaAs MMIC Switch
logo
Hittite Microwave Corpo...
HMC607 HITTITE-HMC607 Datasheet
283Kb / 6P
   GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
   GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com