Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZULU-M868 Datasheet(PDF) 7 Page - rfsolutions.ltd

Part # ZULU-M868
Description  Radio MODEM Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

ZULU-M868 Datasheet(HTML) 7 Page - rfsolutions.ltd

Back Button ZULU-M868 Datasheet HTML 3Page - rfsolutions.ltd ZULU-M868 Datasheet HTML 4Page - rfsolutions.ltd ZULU-M868 Datasheet HTML 5Page - rfsolutions.ltd ZULU-M868 Datasheet HTML 6Page - rfsolutions.ltd ZULU-M868 Datasheet HTML 7Page - rfsolutions.ltd ZULU-M868 Datasheet HTML 8Page - rfsolutions.ltd ZULU-M868 Datasheet HTML 9Page - rfsolutions.ltd ZULU-M868 Datasheet HTML 10Page - rfsolutions.ltd ZULU-M868 Datasheet HTML 11Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ZULU Modem
ZULU Modem
ZULU Modem
ZULU Modem
D
D
D
DS
S
S
S----Z
Z
Z
ZU
U
U
UL
L
L
LU
U
U
U M
M
M
Mo
o
o
od
d
d
de
e
e
em
m
m
m----1
1
1
1
Application Circuit
Application Circuit
Application Circuit
Application Circuit
Connection of the
ZULU Modem to an RS232 or USB host terminal device such as a PC serial
port may easily be achieved using the Application Schematic below.
The 9 way ‘D’ socket (J1) provides the standard pin out required to connect directly to the serial
port of any std PC using a 9 way male/female cable. The MAX3232 (a low voltage RS232 line
driver) provides level conversion between the RS232 levels on the serial port and the logic levels
pins of the
ZULU Modem module.
Alternatively the same can be achieved using the ZULU Eval Boards


Similar Part No. - ZULU-M868

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ZULU-433 RFSOLUTIONS-ZULU-433 Datasheet
1Mb / 9P
   RT Trans-controller
ZULU-433-SO RFSOLUTIONS-ZULU-433-SO Datasheet
1Mb / 9P
   RT Trans-controller
ZULU-868 RFSOLUTIONS-ZULU-868 Datasheet
1Mb / 9P
   RT Trans-controller
ZULU-868-SO RFSOLUTIONS-ZULU-868-SO Datasheet
1Mb / 9P
   RT Trans-controller
ZULU-915 RFSOLUTIONS-ZULU-915 Datasheet
1Mb / 9P
   RT Trans-controller
More results

Similar Description - ZULU-M868

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
DS-ZULUM RFSOLUTIONS-DS-ZULUM Datasheet
3Mb / 12P
   Radio MODEM Module
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
   RS232 RADIO MODEM
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1721B RFMD-SIW1721B Datasheet
432Kb / 12P
   BLUETOOTH짰 RADIO MODEM
logo
SHENZHEN KYL COMMUNICAT...
KYL-668H KYL-KYL-668H Datasheet
1Mb / 4P
   25W Radio Modem
logo
rfsolutions.ltd
X8200 RFSOLUTIONS-X8200 Datasheet
518Kb / 19P
   Synthesised Radio Modem
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
logo
SHENZHEN KYL COMMUNICAT...
KYL-600H KYL-KYL-600H Datasheet
49Kb / 3P
   High Performance Radio Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com