Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT126CMTC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74ABT126CMTC
Description  Quad Buffer with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT126CMTC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ABT126CMTC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT126CMTC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT126CMTC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT126CMTC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT126CMTC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT126CMTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 4: Guaranteed, but not tested.
Note 5: For 8 bits toggling, ICCD  0.8 mA/MHz.
Storage Temperature
65qC to 150qC
Ambient Temperature under Bias
55qC to 125qC
Junction Temperature under Bias
55qC to 150qC
VCC Pin Potential to Ground Pin
0.5V to 7.0V
Input Voltage (Note 3)
0.5V to 7.0V
Input Current (Note 3)
30 mA to 5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
0.5V to 5.5V
in the HIGH State
0.5V to VCC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
(Across Comm Operating Range)
300 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
40qC to 85qC
Supply Voltage
4.5V to 5.5V
Minimum Input Edge Rate (
'V/'t)
Data Input
50 mV/ns
Enable Input
100 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
1.2
V
Min
IIN 18 mA
VOH
Output HIGH Voltage
2.5
V
Min
IOH 3 mA
2.0
V
Min
IOH 32 mA
VOL
Output LOW Voltage
0.55
V
Min
IOL 64 mA
IIH
Input HIGH Current
1
PAMax
VIN 2.7V (Note 4)
1VIN VCC
IBVI
Input HIGH Current Breakdown Test
7
PAMax
VIN 7.0V
IIL
Input LOW Current
1
PAMax
VIN 0.5V (Note 4)
1VIN 0.0V
VID
Input Leakage Test
4.75
V
0.0
IID 1.9 PA, All Other Pin Grounded
IOZH
Output Leakage Current
10
PA0  5.5V VOUT 2.7V; OEn 2.0V
IOZL
Output Leakage Current
10
PA0  5.5V VOUT 0.5V; OEn 2.0V
IOS
Output Short-Circuit Current
-100
275
mA
Max
VOUT 0.0V
ICEX
Output HIGH Leakage Current
50
PAMax
VOUT VCC
IZZ
Bus Drainage Test
100
PA0.0
VOUT 5.5V; All Others GND
ICCH
Power Supply Current
50
PA
Max
All Outputs HIGH
ICCL
Power Supply Current
15
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
PAMax
OEn VCC;
All Others at VCC or Ground
ICCT
Additional ICC/Input
Outputs Enabled
1.5
mA
Max
VI VCC  2.1V
Outputs 3-STATE
1.5
mA
Enable Input VI VCC  2.1V
Outputs 3-STATE
50
PA
Data Input VI VCC  2.1V
All Others at VCC or Ground
ICCD
Dynamic ICC
No Load
mA/
Max
Outputs Open
(Note 4)
0.1
MHz
OEn GND, (Note 5)
One Bit Toggling, 50% Duty Cycle


Similar Part No. - 74ABT126CMTC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT126 PHILIPS-74ABT126 Datasheet
92Kb / 10P
   Quad buffer 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT126D PHILIPS-74ABT126D Datasheet
92Kb / 10P
   Quad buffer 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT126D NEXPERIA-74ABT126D Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
More results

Similar Description - 74ABT126CMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com