Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT162244CSSC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ABT162244CSSC
Description  16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT162244CSSC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ABT162244CSSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT162244CSSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT162244CSSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT162244CSSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT162244CSSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT162244CSSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT162244CSSC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS010987
www.fairchildsemi.com
April 1992
Revised May 2005
74ABT162244
16-Bit Buffer/Line Driver with
25
: Series Resistors in the Outputs
General Description
The ABT162244 contains sixteen non-inverting buffers with
3-STATE outputs designed to be employed as a memory
and address driver, clock driver, or bus oriented transmit-
ter/receiver. The device is nibble controlled. Individual
3-STATE control inputs can be shorted together for 8-bit or
16-bit operation.
The 25
: series resistors in the outputs reduce ringing and
eliminate the need for external resistors.
Features
s Separate control logic for each nibble
s 16-bit version of the ABT2244
s Guaranteed latchup protection
s High impedance glitch free bus loading during entire
power up and power down cycle
s Non-destructive hot insertion capability
Ordering Code:
Logic Symbol
Pin Descriptions
Connection Diagram
Order Number
Package Number
Package Description
74ABT162244CSSC
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[RAIL]
74ABT162244CSSX
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[TAPE and REEL]
74ABT162244CMTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[RAIL]
74ABT162244MTDX
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TAPE and REEL]
Pin Names
Description
OEn
Output Enable Input (Active LOW)
I0–I15
Inputs
O0–O15
Outputs


Similar Part No. - 74ABT162244CSSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
More results

Similar Description - 74ABT162244CSSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2541 FAIRCHILD-74ABT2541 Datasheet
100Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74FR2244 FAIRCHILD-74FR2244 Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74F2244 FAIRCHILD-74F2244 Datasheet
52Kb / 6P
   Octal Buffer/Line Driver with 25廓 Series Resistors in Outputs
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
74F2240 FAIRCHILD-74F2240 Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com