Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2531 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HCPL-2531
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2531 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HCPL-2531 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
July 2005
Single-channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.3
Single-channel: 6N135, 6N136, HCPL-2503, HCPL-4502
Dual-Channel: HCPL-2530, HCPL-2531
High Speed Transistor Optocouplers
Features
■ High speed-1 MBit/s
■ Superior CMR-10 kV/µs
■ Dual-Channel HCPL-2530/HCPL-2531
■ Double working voltage-480V RMS
■ CTR guaranteed 0-70°C
■ U.L. recognized (File # E90700)
Applications
■ Line receivers
■ Pulse transformer replacement
■ Output interface to CMOS-LSTTL-TTL
■ Wide bandwidth analog coupling
Description
The HCPL-4502/HCPL-2503, 6N135/6 and HCPL-2530/HCPL-
2531 optocouplers consist of an AlGaAs LED optically coupled
to a high speed photodetector transistor.
A separate connection for the bias of the photodiode improves
the speed by several orders of magnitude over conventional
phototransistor optocouplers by reducing the base-collector
capacitance of the input transistor.
An internal noise shield provides superior common mode rejec-
tion of 10kV/µs. An improved package allows superior insulation
permitting a 480 V working voltage compared to industry stan-
dard of 220 V.
PackageSchematic
8
8
1
8
1
1
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
HCPL-2530/HCPL-2531
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
N/C
N/C
6N135, 6N136, HCPL-2503, HCPL-4502
Pin 7 is not connected in
Part Number HCPL-4502


Similar Part No. - HCPL-2531

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2531 QT-HCPL-2531 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2531 HP-HCPL-2531 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL-2531

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com