Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N40 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 4N40
Description  PHOTO SCR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N40 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  4N40 Datasheet HTML 1Page - Fairchild Semiconductor 4N40 Datasheet HTML 2Page - Fairchild Semiconductor 4N40 Datasheet HTML 3Page - Fairchild Semiconductor 4N40 Datasheet HTML 4Page - Fairchild Semiconductor 4N40 Datasheet HTML 5Page - Fairchild Semiconductor 4N40 Datasheet HTML 6Page - Fairchild Semiconductor 4N40 Datasheet HTML 7Page - Fairchild Semiconductor 4N40 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
Input Forward Voltage
IF = 10 mA
VF
All
1.1
1.5
V
Reverse Leakage Current
VR = 3 V
IR
All
10
µA
Capacitance
VF = 0 V, f = 1.0 MHz
CJ
All
50
pF
DETECTOR
Peak Off-State Voltage
RGK = 10 kΩ, TA=100 °C
VDM
4N39
200
V
4N40
400
Peak Reverse Voltage
TA=100 °C
VRM
4N39
200
V
4N40
400
On-State Voltage
IT = 300 mA
VT
All
1.3
V
Off-State Current
VDM = 200 V, TA = 100 °C,
IDM
4N39
50
µA
IF = 0 mA, RGK = 10 kΩ
4N40
150
Reverse Current
VR = 200 V, TA=100 °C, IF = 0 mA
IR
4N39
50
µA
4N40
150
Holding Current
VFx = 50V, RGK = 27 kΩ
IH
All
1.0
mA
INDIVIDUAL COMPONENT CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Units
*Input-Output Isolation Voltage
( II-0 ≤ 1 µA, Vrms, t = 1 min.)
VISO
5300
Vac(rms)
*Isolation Resistance
(VI-O = 500 VDC)
RISO
1011
!
Isolation Capacitance
(VI-O = ∅, f = 1 MHz)
CISO
0.8
pf
ISOLATION CHARACTERISTICS
Characteristics
Test Conditions
Symbol
Device
Min
Typ**
Max
Units
*Input Current to Trigger
VAK = 50 V, RGK = 10 kΩ
IFT
4N39
30
mA
VAK = 100 V, RGK = 27 kΩ
4N40
14
*Turn-On Time
VAK = 50 V, IF = 30 mA
ton
ALL
50
µA
RGK = 10 kΩ, RL = 200 Ω
Package Capacitance
f = 1 MHz
CI-O
ALL
2
pF
(input to output)
Input to Output Voltage = 0
Coupled dv/dt, input to output
dV/dt
ALL
500
V/
µS
(figure 13)
TRANSFER CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
PHOTO SCR OPTOCOUPLERS
4N39
4N40
www.fairchildsemi.com
2 OF 8
2/27/01
DS300381
Note
* Indicates JEDEC Registered Data
** Typical values at TA = 25°C


Similar Part No. - 4N40

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
4N40 QT-4N40 Datasheet
420Kb / 5P
   PHOTO SCR OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N40 NJSEMI-4N40 Datasheet
129Kb / 1P
   Optically Coupled SCR Isolators
logo
Unisonic Technologies
4N40 UTC-4N40 Datasheet
153Kb / 3P
   4A, 400V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
4N40 ISC-4N40 Datasheet
67Kb / 2P
   Fast Switching
logo
New Jersey Semi-Conduct...
4N40 NJSEMI-4N40 Datasheet
44Kb / 1P
   Photo SCR
More results

Similar Description - 4N40

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
4N39 QT-4N39 Datasheet
420Kb / 5P
   PHOTO SCR OPTOCOUPLERS
H11C1 QT-H11C1 Datasheet
415Kb / 5P
   photo scr optocouplers
logo
Fairchild Semiconductor
H11C1 FAIRCHILD-H11C1 Datasheet
589Kb / 11P
   PHOTO SCR OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
H11C1 NJSEMI-H11C1 Datasheet
44Kb / 1P
   Photo SCR
logo
Microsemi Corporation
MXP1017 MICROSEMI-MXP1017 Datasheet
38Kb / 1P
   Photo SCR
logo
Fairchild Semiconductor
H11F1 FAIRCHILD-H11F1 Datasheet
403Kb / 9P
   PHOTO FET OPTOCOUPLERS
H11F1 FAIRCHILD-H11F1_03 Datasheet
553Kb / 10P
   PHOTO FET OPTOCOUPLERS
H11F3SM FAIRCHILD-H11F3SM Datasheet
2Mb / 11P
   Photo FET Optocouplers
H11F3SD FAIRCHILD-H11F3SD Datasheet
547Kb / 10P
   PHOTO FET OPTOCOUPLERS
logo
ON Semiconductor
H11F1M ONSEMI-H11F1M Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com