Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1V5KE100A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 1V5KE100A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1V5KE100A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  1V5KE100A Datasheet HTML 1Page - Fairchild Semiconductor 1V5KE100A Datasheet HTML 2Page - Fairchild Semiconductor 1V5KE100A Datasheet HTML 3Page - Fairchild Semiconductor 1V5KE100A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1V5KE6V8(C)A - V5KE440(C)A, Rev. D
Transient Voltage Suppressors
1V5KE6V8(C)A - 1V5KE440(C)A
1500 Watt Transient Voltage Suppressors
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
2002 Fairchild Semiconductor Corporation
Symbol
Parameter
Value
Units
PPPM
Peak Pulse Power Dissipation at TP=1ms
1500
W
IPPM
Peak Pulse Current
see table
A
PD
Power Dissipation
.375 " lead length @ TA = 75°C
5.0
W
IFSM
Non-repetitive Peak Forward Surge Current
superimposed on rated load (JEDEC method) (Note 1)
200
A
Tstg
Storage Temperature Range
-65 to +175
°C
TJ
Operating Junction Temperature
+ 175
°C
Features
Glass passivated junction.
1500W Peak Pulse Power capability
at 1.0 ms.
Excellent clamping capability.
Low incremental surge resistance.
Fast response time; typically less
than 1.0 ps from 0 volts to BV for
unidirectional and 5.0 ns for
bidirectional.
Typical I
R less than 1.0 µA above 10V.
UL certified, UL #E210467.
DEVICES FOR BIPOLAR APPLICATIONS
- Bidirectional types use CA suffix.
- Electrical Characteristics apply in both directions.
DO-201AE
COLOR BAND DENOTES CATHODE
ON UNIDIRECTIONAL DEVICES ONLY. NO
COLOR BAND ON BIDIRECTIONAL DEVICES.
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Note 1: Measured on 8.3 ms single half-sine wave; Duty cycle = 4 pulses per minute maximum.


Similar Part No. - 1V5KE100A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1V5KE100A FAIRCHILD-1V5KE100A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - 1V5KE100A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com