Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7222-10 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7222-10
Description  10 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7222-10 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7222-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7222-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7222-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
10 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
Pasternack Enterprises line of 100W Attenuators operate from DC to 6 GHz, and are available in 42 different 7/16 DIN,
N, SMA and TNC in-series and between-series connector combinations. Our 100W Attenuators are manufactured with
Passivated Stainless Steel SMA, TNC and N connectors, and Silver Plated Brass 7/16 DIN connectors.
Pasternack
100W Attenuators come in 3 dB, 6 dB, 10 dB, 20 dB, 30 dB, 40 dB, 60 dB values and will operate from -55 to +125
degrees C. Additional connector combinations are available beyond the 42 standard designs, upon request.
• 100W average power and 2,000W peak power handling capability
• Operate to 6 GHz
• Temperature range of -55 to +125 degrees C
• 42 in-series and between series combinations
• 7/16 DIN, SMA, N, TNC Male and Female connectors are available
• Other connector combinations available upon request
Configuration
Design
Fixed, Directional Attenuator
Connector 1
TNC Female
Connector 2
SMA Male
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Attenuation Value, dB
10
Maximum Input Power, Watts
100
Maximum VSWR
1.45:1
Frequency 1
Range, GHz
DC to 2
VSWR
1.2:1
Attenuation Accuracy, dB
± 0.75
Frequency 2
Range, GHz
2 to 4
VSWR
1.35:1
Attenuation Accuracy, dB
± 1
Frequency 3
Range, GHz
4 to 6
VSWR
1.45:1
Attenuation Accuracy, dB
± 1.25
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
10 dB Fixed Attenuator, TNC Female To SMA Male
Directional Rated To 100 Watts Up To 6 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: 10 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 100 Watts Up To
6 GHz PE7222-10
PE7222-10
PE7222-10 REV NC


Similar Part No. - PE7222-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7222-20 PASTERNACK-PE7222-20 Datasheet
382Kb / 3P
   20 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
PE7222-3 PASTERNACK-PE7222-3 Datasheet
382Kb / 3P
   3 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
PE7222-30 PASTERNACK-PE7222-30 Datasheet
382Kb / 3P
   30 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
PE7222-40 PASTERNACK-PE7222-40 Datasheet
382Kb / 3P
   40 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
PE7222-50 PASTERNACK-PE7222-50 Datasheet
382Kb / 3P
   50 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
More results

Similar Description - PE7222-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7229-10 PASTERNACK-PE7229-10 Datasheet
381Kb / 3P
   10 dB Fixed Attenuator, TNC Male To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PE7239-10 PASTERNACK-PE7239-10 Datasheet
382Kb / 3P
   10 dB Fixed Attenuator, SMA Male To TNC Female Directional Rated To 100 Watts Up To 6 GHz
PE7233-10 PASTERNACK-PE7233-10 Datasheet
382Kb / 3P
   10 dB Fixed Attenuator, SMA Female To TNC Male Directional Rated To 100 Watts Up To 6 GHz
PE7222-6 PASTERNACK-PE7222-6 Datasheet
382Kb / 3P
   6 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
PE7239-6 PASTERNACK-PE7239-6 Datasheet
383Kb / 3P
   6 dB Fixed Attenuator, SMA Male To TNC Female Directional Rated To 100 Watts Up To 6 GHz
PE7229-6 PASTERNACK-PE7229-6 Datasheet
382Kb / 3P
   6 dB Fixed Attenuator, TNC Male To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PE7230-10 PASTERNACK-PE7230-10 Datasheet
382Kb / 3P
   10 dB Fixed Attenuator, TNC Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PE7241-10 PASTERNACK-PE7241-10 Datasheet
383Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Directional Rated To 100 Watts Up To 6 GHz
PE7234-10 PASTERNACK-PE7234-10 Datasheet
382Kb / 3P
   10 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 100 Watts Up To 6 GHz
PE7233-6 PASTERNACK-PE7233-6 Datasheet
382Kb / 3P
   6 dB Fixed Attenuator, SMA Female To TNC Male Directional Rated To 100 Watts Up To 6 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com