Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C512R-70PU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27C512R-70PU
Description  512K (64K x 8) One-time Programmable, Read-only Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C512R-70PU Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27C512R-70PU Datasheet HTML 1Page - ATMEL Corporation AT27C512R-70PU Datasheet HTML 2Page - ATMEL Corporation AT27C512R-70PU Datasheet HTML 3Page - ATMEL Corporation AT27C512R-70PU Datasheet HTML 4Page - ATMEL Corporation AT27C512R-70PU Datasheet HTML 5Page - ATMEL Corporation AT27C512R-70PU Datasheet HTML 6Page - ATMEL Corporation AT27C512R-70PU Datasheet HTML 7Page - ATMEL Corporation AT27C512R-70PU Datasheet HTML 8Page - ATMEL Corporation AT27C512R-70PU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
0015P–EPROM–10/11
Atmel AT27C512R
4.
Absolute maximum ratings*
Note:
1. Minimum voltage is -0.6V DC, which may undershoot to -2.0V for pulses of less than 20ns. Maximum output pin voltage is
V
CC + 0.75V DC, which may overshoot to +7.0V for pulses of less than 20ns.
5.
DC and AC characteristics
Table 5-1.
Operating modes
Notes:
1. X can be V
IL or VIH.
2. Refer to programming characteristics.
3. V
H = 12.0 ± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs are held low (V
IL), except A9, which is set to VH, and A0, which is tog-
gled low (V
IL) to select the manufacturer’s identification byte and high (VIH) to select the device code byte.
Table 5-2.
DC and AC operating conditions for read operation
Temperature under bias . . . . . . . . . . . . . -55°C to + 125°C
*NOTICE:
Stresses beyond those listed under “Absolute
maximum ratings” may cause permanent damage to
the device. This is a stress rating only, and functional
operation of the device at these or any other conditions
beyond those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
Storage temperature . . . . . . . . . . . . . . . . -65°C to + 150°C
Voltage on any pin with
respect to ground . . . . . . . . . . . . . . . . . . .-2.0V to + 7.0V
(1)
Voltage on A9 with
respect to ground . . . . . . . . . . . . . . . . -2.0V to + 14.0V
(1)
V
PP supply voltage with
respect to ground . . . . . . . . . . . . . . . . . -2.0V to + 14.0V
(1)
Mode/Pin
CE
OE/V
PP
Ai
Outputs
Read
V
IL
V
IL
Ai
D
OUT
Output disable
V
IL
V
IH
X
(1)
High Z
Standby
V
IH
X
(1)
X
High Z
Rapid program
(2)
V
IL
V
PP
Ai
D
IN
PGM inhibit
V
IH
V
PP
X
(1)
High Z
Product identification
(4)
V
IL
V
IL
A9 =V
H
(3)
A0 = V
IH or VIL
A1 - A15 = V
IL
Identification code
Atmel AT27C512R
-45
-70
Operating temp. (case)
Ind.
-40°C - 85°C
-40°C - 85°C
Auto.
-40
C - 125C
V
CC supply
5V ±
10%
5V ±
10%


Similar Part No. - AT27C512R-70PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R-70PA ATMEL-AT27C512R-70PA Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-70PC ATMEL-AT27C512R-70PC Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-70PI ATMEL-AT27C512R-70PI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-70PI ATMEL-AT27C512R-70PI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
More results

Similar Description - AT27C512R-70PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R-45JU ATMEL-AT27C256R-45JU Datasheet
889Kb / 13P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C256R-70PU ATMEL-AT27C256R-70PU Datasheet
833Kb / 14P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C010-70PU ATMEL-AT27C010-70PU Datasheet
790Kb / 13P
   1Mb (128K x 8) One-time Programmable, Read-only Memory
AT27C010-45JU ATMEL-AT27C010-45JU Datasheet
790Kb / 13P
   1Mb (128K x 8) One-time Programmable, Read-only Memory
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
Toshiba Semiconductor
TC54256AP TOSHIBA-TC54256AP Datasheet
545Kb / 11P
   32,768 WORD x 8 BIT CMOS ONE TIME PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com