Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C512R-45PU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27C512R-45PU
Description  512K (64K x 8) One-time Programmable, Read-only Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C512R-45PU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT27C512R-45PU Datasheet HTML 3Page - ATMEL Corporation AT27C512R-45PU Datasheet HTML 4Page - ATMEL Corporation AT27C512R-45PU Datasheet HTML 5Page - ATMEL Corporation AT27C512R-45PU Datasheet HTML 6Page - ATMEL Corporation AT27C512R-45PU Datasheet HTML 7Page - ATMEL Corporation AT27C512R-45PU Datasheet HTML 8Page - ATMEL Corporation AT27C512R-45PU Datasheet HTML 9Page - ATMEL Corporation AT27C512R-45PU Datasheet HTML 10Page - ATMEL Corporation AT27C512R-45PU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
0015P–EPROM–10/11
Atmel AT27C512R
Table 5-6.
DC programming characteristics
Table 5-7.
AC programming characteristics
Notes:
1. V
CC must be applied simultaneously with or before OE/VPP and removed simultaneously with or after OE/VPP.
2. This parameter is only sampled, and is not 100% tested. Output float is defined as the point where data is no longer driven.
See timing diagram.
3. Program pulse width tolerance is 100µsec
±5%.
Table 5-8.
The Atmel AT27C512R integrated product identification code
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, OE/VPP = 13.0 ± 0.25V
Symbol
Parameter
Test conditions
Limits
Units
Min
Max
I
LI
Input load current
V
IN = VIL,VIH
±10
µA
V
IL
Input low level
-0.6
0.8
V
V
IH
Input high level
2.0
V
CC + 1
V
V
OL
Output low voltage
I
OL = 2.1mA
0.4
V
V
OH
Output high voltage
I
OH = -400µA
2.4
V
I
CC2
V
CC supply current (program and verify)
25
mA
I
PP2
OE/V
PP current
CE = V
IL
25
mA
V
ID
A9 product identification voltage
11.5
12.5
V
T
A = 25  5°C, VCC = 6.5  0.25V, OE/VPP = 13.0  0.25V
Symbol
Parameter
Test conditions
(1)
Limits
Units
Min
Max
t
AS
Address setup time
Input rise and fall times
(10% to 90%) 20ns
Input pulse levels
0.45V to 2.4V
Input timing reference level
0.8V to 2.0V
Output timing reference level
0.8V to 2.0V
2µs
t
OES
OE/V
PP setup time
2
µs
t
OEH
OE/V
PP hold time
2
µs
t
DS
Data setup time
2
µs
t
AH
Address hold time
0
µs
t
DH
Data hold time
2
µs
t
DFP
CE high to output float delay
(2)
0
130
ns
t
VCS
V
CC setup time
2
µs
t
PW
CE program pulse width
(3)
95
105
µs
t
DV
Data valid from CE
(2)
1µs
t
VR
OE/V
PP recovery time
2
µs
t
PRT
OE/V
PP pulse rise time during
programming
50
ns
Codes
Pins
Hex data
A0
O7
O6
O5
O4
O3
O2
O1
O0
Manufacturer
0
0
0
0
1
1
1
1
0
1E
Device type
1
0
0
0
0
1
1
0
1
0D


Similar Part No. - AT27C512R-45PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R-45PC ATMEL-AT27C512R-45PC Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-45PI ATMEL-AT27C512R-45PI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-45PI ATMEL-AT27C512R-45PI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
More results

Similar Description - AT27C512R-45PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R-45JU ATMEL-AT27C256R-45JU Datasheet
889Kb / 13P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C256R-70PU ATMEL-AT27C256R-70PU Datasheet
833Kb / 14P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C010-70PU ATMEL-AT27C010-70PU Datasheet
790Kb / 13P
   1Mb (128K x 8) One-time Programmable, Read-only Memory
AT27C010-45JU ATMEL-AT27C010-45JU Datasheet
790Kb / 13P
   1Mb (128K x 8) One-time Programmable, Read-only Memory
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
Toshiba Semiconductor
TC54256AP TOSHIBA-TC54256AP Datasheet
545Kb / 11P
   32,768 WORD x 8 BIT CMOS ONE TIME PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com