Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YG101-IC1 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # YG101-IC1
Description  Surface-mounted chip LED device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

YG101-IC1 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button YG101-IC1_12 Datasheet HTML 4Page - Seoul Semiconductor YG101-IC1_12 Datasheet HTML 5Page - Seoul Semiconductor YG101-IC1_12 Datasheet HTML 6Page - Seoul Semiconductor YG101-IC1_12 Datasheet HTML 7Page - Seoul Semiconductor YG101-IC1_12 Datasheet HTML 8Page - Seoul Semiconductor YG101-IC1_12 Datasheet HTML 9Page - Seoul Semiconductor YG101-IC1_12 Datasheet HTML 10Page - Seoul Semiconductor YG101-IC1_12 Datasheet HTML 11Page - Seoul Semiconductor YG101-IC1_12 Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
서식번호 : SSC-QP-7-07-25 (Rev.0.0)
Rev. 04
Rev. 04
June 2012
June 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
43~53 (C)
568.0~568.5 (A)
1.9~2.1 (A)
AAC
36~43 (B)
568.0~568.5 (A)
1.9~2.1 (A)
AAB
30~36 (A)
568.0~568.5 (A)
1.9~2.1 (A)
AAA
36~43 (B)
574.0~576.0 (J)
1.9~2.1 (A)
AJB
36~43 (B)
572.0~574.0 (I)
1.9~2.1 (A)
AIB
36~43 (B)
571.5~572.0 (H)
1.9~2.1 (A)
AHB
36~43 (B)
571.0~571.5 (G)
1.9~2.1 (A)
AGB
36~43 (B)
570.5~571.0 (F)
1.9~2.1 (A)
AFB
36~43 (B)
570.0~570.5 (E)
1.9~2.1 (A)
AEB
36~43 (B)
569.5~570.0 (D)
1.9~2.1 (A)
ADB
36~43 (B)
569.0~569.5 (C)
1.9~2.1 (A)
ACB
36~43 (B)
568.5~569.0 (B)
1.9~2.1 (A)
ABB
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
1.9~2.1 (A)
VF [V]
30~36 (A)
571.0~571.5 (G)
AGA
30~36 (A)
570.5~571.0 (F)
AFA
30~36 (A)
570.0~570.5 (E)
AEA
30~36 (A)
569.5~570.0 (D)
ADA
30~36 (A)
569.0~569.5 (C)
ACA
30~36 (A)
568.5~569.0 (B)
ABA
43~53 (C)
569.5~570.0 (D)
ADC
43~53 (C)
569.0~569.5 (C)
ACC
43~53 (C)
568.5~569.0 (B)
ABC
30~36 (A)
574.0~576.0 (J)
AJA
30~36 (A)
572.0~574.0 (I)
AIA
30~36 (A)
571.5~572.0 (H)
AHA
43~53 (C)
574.0~576.0 (J)
AJC
43~53 (C)
572.0~574.0 (I)
AIC
43~53 (C)
571.5~572.0 (H)
AHC
43~53 (C)
571.0~571.5 (G)
AGC
AFC
AEC
BIN
WD [nm]
IV [mcd]
570.0~570.5 (E)
43~53 (C)
570.5~571.0 (F)
43~53 (C)
6. Rank
I
F = 20mA


Similar Part No. - YG101-IC1_12

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YG101-IC1 SEOUL-YG101-IC1 Datasheet
1Mb / 14P
   Small size suitable for compact appliances
More results

Similar Description - YG101-IC1_12

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YG202 SEOUL-YG202 Datasheet
277Kb / 13P
   Surface-mounted chip LED device
THBTGFR5210-CE SEOUL-THBTGFR5210-CE Datasheet
1Mb / 15P
   Surface-mounted chip LED device
FCW321G SEOUL-FCW321G Datasheet
1Mb / 16P
   Surface-mounted chip LED device
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
   Surface-mounted chip LED device
YG104-ICH SEOUL-YG104-ICH Datasheet
276Kb / 13P
   Surface-mounted chip LED device
YGFR411-H SEOUL-YGFR411-H_12 Datasheet
308Kb / 13P
   Surface-mounted chip LED device
YGUR302TM SEOUL-YGUR302TM_12 Datasheet
319Kb / 13P
   Surface-mounted chip LED device
YG104-IC1 SEOUL-YG104-IC1_12 Datasheet
276Kb / 13P
   Surface-mounted chip LED device
FR2001H-T SEOUL-FR2001H-T Datasheet
660Kb / 11P
   Surface-mounted chip LED device
HBFR113-S SEOUL-HBFR113-S Datasheet
641Kb / 13P
   Surface-mounted chip LED device
WH2001 SEOUL-WH2001 Datasheet
734Kb / 16P
   Surface-mounted chip LED device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com