Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5551 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 2N5551
Description  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5551 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2N5551 Datasheet HTML 1Page - Fairchild Semiconductor 2N5551 Datasheet HTML 2Page - Fairchild Semiconductor 2N5551 Datasheet HTML 3Page - Fairchild Semiconductor 2N5551 Datasheet HTML 4Page - Fairchild Semiconductor 2N5551 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
2N5551- MMBT5551 Rev. B
tm
April 2006
2N5551- MMBT5551
NPN General Purpose Amplifier
Features
• This device is designed for general purpose high voltage amplifiers and gas discharge display drivers.
• Suffix “-C” means Center Collector in 2N5551 (1. Emitter 2. Collector 3. Base)
• Suffix “-Y” means hFE 180~240 in 2N5551 (Test condition : IC = 10mA, VCE = 5.0V)
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1. These ratings are based on a maximum junction temperature of 150 degrees C.
2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics T
a=25°C unless otherwise noted
* Device mounted on FR-4 PCB 1.6"
× 1.6" × 0.06."
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
160
V
VCBO
Collector-Base Voltage
180
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector current - Continuous
600
mA
TJ, Tstg
Junction and Storage Temperature
-55 ~ +150
°C
Symbol
Parameter
Max
Units
2N5551
*MMBT5551
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
°C/W
1. Base 2. Emitter 3. Collector
SOT-23
1
2
3
Marking: 3S
2N5551
MMBT5551
TO-92


Similar Part No. - 2N5551

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5551 ONSEMI-2N5551 Datasheet
188Kb / 6P
   mplifier Transistors(NPN Silicon)
June, 2004 ??Rev. 3
logo
GUANGDONG HOTTECH INDUS...
2N5551 HOTTECH-2N5551 Datasheet
185Kb / 2P
   Plastic-Encapsulate Transistors
logo
Weitron Technology
2N5551 WEITRON-2N5551 Datasheet
171Kb / 4P
   NPN Transistors
logo
NXP Semiconductors
2N5551 NXP-2N5551 Datasheet
59Kb / 7P
   NPN high-voltage transistors
2004 Oct 28
logo
Tiger Electronic Co.,Lt...
2N5551 TGS-2N5551 Datasheet
51Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2N5551

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com