Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5486 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N5486
Description  N-Channel RF Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5486 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N5486 Datasheet HTML 1Page - Fairchild Semiconductor 2N5486 Datasheet HTML 2Page - Fairchild Semiconductor 2N5486 Datasheet HTML 3Page - Fairchild Semiconductor 2N5486 Datasheet HTML 4Page - Fairchild Semiconductor 2N5486 Datasheet HTML 5Page - Fairchild Semiconductor 2N5486 Datasheet HTML 6Page - Fairchild Semiconductor 2N5486 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
ON CHARACTERISTICS
V(BR)GSS
Gate-Source Breakdown Voltage
IG = - 1.0
µA, V
DS = 0
- 25
V
IGSS
Gate Reverse Current
VGS = - 20 V, VDS = 0
VGS = - 20 V, VDS = 0, TA = 100
°C
- 1.0
- 0.2
nA
µA
VGS(off)
Gate-Source Cutoff Voltage
VDS = 15 V, ID = 10 nA
2N5484
2N5485
2N5486
- 0.3
- 0.5
- 2.0
- 3.0
- 4.0
- 6.0
V
V
V
IDSS
Zero-Gate Voltage Drain Current*
VDS = 15 V, VGS = 0
2N5484
2N5485
2N5486
1.0
4.0
8.0
5.0
10
20
mA
mA
mA
SMALL SIGNAL CHARACTERISTICS
gfs
Forward Transfer Conductance
VDS = 15, VGS = 0, f = 1.0 kHz
2N5484
2N5485
2N5486
3000
3500
4000
6000
7000
8000
µmhos
µmhos
µmhos
Re(yis)
Input Conductance
VDS = 15, VGS = 0, f = 100 MHz
2N5484
VDS = 15, VGS = 0, f = 400 MHz
2N5485 / 2N5486
100
1000
µmhos
µmhos
gos
Output Conductance
VDS = 15, VGS = 0, f = 1.0 kHz
2N5484
2N5485
2N5486
50
60
75
µmhos
µmhos
µmhos
Re(yos)
Output Conductance
VDS = 15, VGS = 0, f = 100 MHz
2N5484
VDS = 15, VGS = 0, f = 400 MHz
2N5485 / 2N5486
75
100
µmhos
µmhos
Re(yfs)
Forward Transconductance
VDS = 15, VGS = 0, f = 100 MHz
2N5484
VDS = 15, VGS = 0, f = 400 MHz
2N5485
2N5486
2500
3000
3500
µmhos
µmhos
µmhos
Ciss
Input Capacitance
VDS = 15, VGS = 0, f = 1.0 MHz
5.0
pF
Crss
Reverse Transfer Capacitance
VDS = 15, VGS = 0, f = 1.0 MHz
1.0
pF
Coss
Output Capacitance
VDS = 15, VGS = 0, f = 1.0 MHz
2.0
pF
NF
Noise Figure
VDS= 15 V, RG = 1.0 k
Ω,
f = 100 MHz
2N5484
VDS= 15 V, RG = 1.0 k
Ω,
f = 400 MHz
2N5484
VDS= 15 V , RG = 1.0 k
Ω,
f = 100 MHz
2N5485 / 2N5486
VDS= 15 V, RG = 1.0 k
Ω,
f = 400 MHz
2N5485 / 2N5486
4.0
3.0
2.0
4.0
dB
dB
dB
dB
*Pulse Test: Pulse Width £ 300 ms, Duty Cycle £ 2%
N-Channel RF Amplifier
(continued)


Similar Part No. - 2N5486

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5486 ONSEMI-2N5486 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
logo
New Jersey Semi-Conduct...
2N5486 NJSEMI-2N5486 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
logo
Fairchild Semiconductor
2N5486 FAIRCHILD-2N5486 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
New Jersey Semi-Conduct...
2N5486 NJSEMI-2N5486 Datasheet
82Kb / 1P
   N-CHANNEL JFET
logo
Calogic, LLC
2N5486 CALOGIC-2N5486 Datasheet
23Kb / 2P
   N-Channel JFET High Frequency Amplifier
More results

Similar Description - 2N5486

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
2N3819 FAIRCHILD-2N3819_02 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
   N-Channel RF Amplifier
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
   N-Channel RF Amplifier
MMBF102 FAIRCHILD-MMBF102 Datasheet
1Mb / 9P
   N-Channel RF Amplifier
J304 FAIRCHILD-J304 Datasheet
27Kb / 3P
   N-Channel RF Amplifier
J309 FAIRCHILD-J309_10 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ305 FAIRCHILD-MMBFJ305_11 Datasheet
126Kb / 3P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
BF244C FAIRCHILD-BF244C Datasheet
78Kb / 6P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
   N-Channel RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com