Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5460 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N5460
Description  P-Channel General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5460 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N5460 Datasheet HTML 1Page - Fairchild Semiconductor 2N5460 Datasheet HTML 2Page - Fairchild Semiconductor 2N5460 Datasheet HTML 3Page - Fairchild Semiconductor 2N5460 Datasheet HTML 4Page - Fairchild Semiconductor 2N5460 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
V(BR)GSS
Gate-Source Breakdown Voltage
IG = 10 µA, VDS = 0
40
V
IGSS
Gate Reverse Current
VGS = 20 V, VDS = 0
VGS = 20 V, VDS = 0, TA = 100
°C
5.0
1.0
nA
µA
VGS(off)
Gate-Source Cutoff Voltage
VDS = 15 V, ID = 1.0 µA
5460
5461
5462
0.75
1.0
1.8
6.0
7.5
9.0
V
V
V
VGS
Gate-Source Voltage
VDS = 15 V, ID = 0.1 mA
5460
VDS = 15 V, ID = 0.2 mA
5461
VDS = 15 V, ID = 0.4 mA
5462
0.5
0.8
1.5
4.0
4.5
6.0
V
V
V
ON CHARACTERISTICS
IDSS
Zero-Gate Voltage Drain Current*
VDS = 15 V, VGS = 0
5460
5461
5462
- 1.0
- 2.0
- 4.0
- 5.0
- 9.0
- 16
mA
mA
mA
SMALL SIGNAL CHARACTERISTICS
nV/
Hz
gfs
Forward Transfer Conductance
VDS = 15 V, VGS = 0, f = 1.0 kHz
5460
5461
5462
1000
1500
2000
4000
5000
6000
µmhos
µmhos
µmhos
gos
Output Conductance
VDS = 15 V, VGS = 0, f = 1.0 kHz
75
µmhos
Ciss
Input Capacitance
VDS = 15 V, VGS = 0, f = 1.0 MHz
5.0
7.0
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V, VGS = 0, f = 1.0 MHz
1.0
2.0
pF
NF
Noise Figure
VDS = 15 V, VGS = 0,
RG = 1.0 megohm, f = 100 Hz,
BW = 1.0 Hz
1.0
2.5
dB
en
Equivalent Short-Circuit Input
Noise Voltage
VDS = 15 V, VGS = 0, f = 100 Hz,
BW = 1.0 Hz
60
115
*Pulse Test: Pulse Width ≤300 ms, Duty Cycle ≤ 2%
P-Channel General Purpose Amplifier
(continued)


Similar Part No. - 2N5460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5460 MOTOROLA-2N5460 Datasheet
116Kb / 4P
   CASE 2904, STYLE 7 TO92 (TO226AA)
logo
Vishay Siliconix
2N5460 VISHAY-2N5460 Datasheet
50Kb / 5P
   P-Channel JFETs
Rev. D, 04-Jun-01
logo
ON Semiconductor
2N5460 ONSEMI-2N5460 Datasheet
78Kb / 8P
   JFET Amplifiers
November, 2001 ??Rev. 3
logo
Central Semiconductor C...
2N5460 CENTRAL-2N5460 Datasheet
58Kb / 1P
   Junction FETs Low Frequency/ Low Noise
logo
ON Semiconductor
2N5460 ONSEMI-2N5460 Datasheet
60Kb / 5P
   JFET Amplifier P?묬hannel ??Depletion
March, 2006 ??Rev. 5
More results

Similar Description - 2N5460

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5461_D26Z FAIRCHILD-2N5461_D26Z Datasheet
120Kb / 5P
   P-Channel General Purpose Amplifier
2N3820 FAIRCHILD-2N3820 Datasheet
26Kb / 3P
   P-Channel General Purpose Amplifier
logo
Calogic, LLC
IT1700 CALOGIC-IT1700 Datasheet
21Kb / 2P
   P-Channel Enhancement Mode MOSFET General Purpose Amplifier
logo
Sanken electric
SLA5024 SANKEN-SLA5024 Datasheet
20Kb / 1P
   P-channel General purpose
SLA5086 SANKEN-SLA5086 Datasheet
27Kb / 1P
   P-channel General purpose
SLA5015 SANKEN-SLA5015 Datasheet
21Kb / 1P
   P-channel General purpose
SLA5012 SANKEN-SLA5012 Datasheet
21Kb / 1P
   P-channel General purpose
SLA5086 SANKEN-SLA5086 Datasheet
37Kb / 1P
   P-channel General purpose
SLA5004 SANKEN-SLA5004 Datasheet
21Kb / 1P
   P-channel General purpose
SLA5005 SANKEN-SLA5005 Datasheet
21Kb / 1P
   P-channel General purpose
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com