Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5458 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 2N5458
Description  N-Channel General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5458 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2N5458 Datasheet HTML 1Page - Fairchild Semiconductor 2N5458 Datasheet HTML 2Page - Fairchild Semiconductor 2N5458 Datasheet HTML 3Page - Fairchild Semiconductor 2N5458 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Discrete POWER & Signal
Technologies
2N5457
2N5458
2N5459
MMBF5457
MMBF5458
MMBF5459
N-Channel General Purpose Amplifier
This device is a low level audio amplifier and switching transistors,
and can be used for analog switching applications. Sourced from
Process 55.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VDG
Drain-Gate Voltage
25
V
VGS
Gate-Source Voltage
- 25
V
IGF
Forward Gate Current
10
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
TA = 25°C unless otherwise noted
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Characteristic
Max
Units
2N5457
*MMBF5457
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
°C/W
G
S
D
TO-92
SOT-23
Mark: 6D / 61S / 6L
G
S
D
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
ã
1997 Fairchild Semiconductor Corporation


Similar Part No. - 2N5458

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5458 CALOGIC-2N5458 Datasheet
17Kb / 1P
   N-Channel JFET General Purpose Amplifier/Switch
logo
List of Unclassifed Man...
2N5458 ETC1-2N5458 Datasheet
39Kb / 1P
   N-Channel JFETs
logo
Central Semiconductor C...
2N5458 CENTRAL-2N5458 Datasheet
58Kb / 1P
   Junction FETs Low Frequency/ Low Noise
logo
ON Semiconductor
2N5458 ONSEMI-2N5458 Datasheet
56Kb / 5P
   JFETs ??General Purpose N?묬hannel ??Depletion
March, 2006 ??Rev. 5
logo
Fairchild Semiconductor
2N5458 FAIRCHILD-2N5458 Datasheet
130Kb / 5P
   N-Channel General Purpose Amplifier
More results

Similar Description - 2N5458

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5457 FAIRCHILD-2N5457_1 Datasheet
130Kb / 5P
   N-Channel General Purpose Amplifier
J201 FAIRCHILD-J201 Datasheet
851Kb / 13P
   N-Channel General Purpose Amplifier
TIS75 FAIRCHILD-TIS75 Datasheet
27Kb / 4P
   N-Channel General Purpose Amplifier
logo
New Jersey Semi-Conduct...
TIS75 NJSEMI-TIS75 Datasheet
73Kb / 2P
   N-Channel General Purpose Amplifier
logo
Fairchild Semiconductor
PN4302 FAIRCHILD-PN4302 Datasheet
27Kb / 3P
   N-Channel General Purpose Amplifier
PN4303 FAIRCHILD-PN4303 Datasheet
27Kb / 3P
   N-Channel General Purpose Amplifier
J201 FAIRCHILD-J201_08 Datasheet
783Kb / 8P
   N-Channel General Purpose Amplifier
TIS73 FAIRCHILD-TIS73 Datasheet
35Kb / 4P
   N-Channel General Purpose Amplifier
logo
Calogic, LLC
2N4117 CALOGIC-2N4117_15 Datasheet
33Kb / 1P
   N-Channel JFET General Purpose Amplifier
J201 CALOGIC-J201 Datasheet
20Kb / 1P
   N-Channel JFET General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com