Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1210L175 Datasheet(PDF) 4 Page - Littelfuse

Part # 1210L175
Description  The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1210L175 Datasheet(HTML) 4 Page - Littelfuse

  1210L175 Datasheet HTML 1Page - Littelfuse 1210L175 Datasheet HTML 2Page - Littelfuse 1210L175 Datasheet HTML 3Page - Littelfuse 1210L175 Datasheet HTML 4Page - Littelfuse 1210L175 Datasheet HTML 5Page - Littelfuse 1210L175 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
36
Revised: June 3, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc.
1210L Series
Surface Mount > 1210L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1210L.html for current information.
Dimensions
Part
Number
AB
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Min
Max
Min Max
Min
Max
Min Max Min Max
Min
Max Min Max Min Max
Min
Max Min Max
1210L005
0.12
0.14
3.0
3.43
0.09
0.11
2.35 2.80 0.03 0.05
0.75
1.25
0.01 0.03 0.25 0.75 0.008 0.02
0.1
0.5
1210L010
0.12
0.14
3.0
3.43
0.09
0.11
2.35 2.80 0.03 0.05
0.75
1.25
0.01 0.03 0.25 0.75 0.008 0.02
0.1
0.5
1210L020
0.12
0.14
3.0
3.43
0.09
0.11
2.35 2.80 0.02 0.04
0.60
1.00
0.01 0.03 0.25 0.75 0.008 0.02
0.1
0.5
1210L035
0.12
0.14
3.0
3.43
0.09
0.11
2.35 2.80 0.02 0.03
0.50
0.85 0.01 0.03 0.25 0.75 0.008 0.02
0.1
0.5
1210L050
0.12
0.14
3.0
3.43
0.09
0.11
2.35 2.80 0.02 0.03
0.50
0.85 0.01 0.03 0.25 0.75 0.008 0.02
0.1
0.5
1210L075
0.12
0.14
3.0
3.43
0.09
0.11
2.35 2.80 0.02 0.03
0.50 0.85 0.01 0.03 0.25 0.75 0.008 0.02
0.1
0.5
1210L075/24 0.12
0.14
3.0
3.43
0.09
0.11
2.35 2.80 0.05 0.07
1.20
1.80
0.01 0.03 0.25 0.75 0.004 0.02
0.1
0.5
1210L110TH 0.12
0.14
3.0
3.43
0.09
0.11
2.35 2.80 0.04 0.05
0.30
0.71 0.01 0.03 0.25 0.75 0.008 0.02
0.1
0.5
1210L150TH 0.12
0.14
3.0
3.43
0.09
0.11
2.35 2.80 0.03 0.07
0.75
1.07
0.01 0.03 0.25 0.75 0.008 0.02
0.1
0.5
1210L175
0.12
0.14
3.0
3.43
0.09
0.11
2.35 2.80 0.02 0.04
0.60
1.00
0.01 0.03 0.25 0.75 0.008 0.02
0.1
0.5
1210L200
0.12
0.14
3.0
3.43
0.09
0.11
2.35 2.80 0.03 0.06
0.80
1.60
0.01 0.03 0.25 0.75 0.008 0.02
0.1
0.5
C
Top
View
Pad
Layout
Side
View
Bottom
View
2.50 mm
(.098)
2.00 mm
(.079)
1.00 mm
(.040)
D
MARKING CODE VARIES
WITH AMPERAGE RATING
(See Electrical Characteristics Table)
SHOWN IS 1.5AMP RATING
E
A
B
K
K


Similar Part No. - 1210L175

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1210L175 LITTELFUSE-1210L175 Datasheet
910Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1210L175SL LITTELFUSE-1210L175SL Datasheet
187Kb / 7P
   LoRhoTM Surface Mount Series
More results

Similar Description - 1210L175

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1210L LITTELFUSE-1210L Datasheet
910Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
0402L LITTELFUSE-0402L Datasheet
815Kb / 5P
   The 0402L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1206L012WR LITTELFUSE-1206L012WR Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
0603L LITTELFUSE-0603L Datasheet
909Kb / 5P
   The 0603L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1812L010 LITTELFUSE-1812L010 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
USBR LITTELFUSE-USBR Datasheet
1Mb / 5P
   The USBR Series radial leaded device is designed to provide overcurrent protection for USB applications where space is not a concern
logo
TEMEX
ROX2525S4 TEMEX-ROX2525S4 Datasheet
468Kb / 2P
   The ROX2525S4 OCXO is a perfect choice where performance versus space is at a premium
logo
Murata Manufacturing Co...
PTGL18AR6R8M6B72B0 MURATA1-PTGL18AR6R8M6B72B0_V01 Datasheet
415Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51A0 MURATA1-PTGL07AS121M0N51A0_V01 Datasheet
345Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51B0 MURATA1-PTGL07AS121M0N51B0_V01 Datasheet
335Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com