Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1210L010 Datasheet(PDF) 6 Page - Littelfuse

Part # 1210L010
Description  The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1210L010 Datasheet(HTML) 6 Page - Littelfuse

  1210L010 Datasheet HTML 1Page - Littelfuse 1210L010 Datasheet HTML 2Page - Littelfuse 1210L010 Datasheet HTML 3Page - Littelfuse 1210L010 Datasheet HTML 4Page - Littelfuse 1210L010 Datasheet HTML 5Page - Littelfuse 1210L010 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
38
Revised: June 3, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc.
1210L Series
Surface Mount > 1210L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1210L.html for current information.
TAPE SPECIFICATIONS: EIA-481-1 (mm)
REEL DIMENSIONS:
EIA-481-1 (mm)
Packaging Code “YR”:
1210L035
1210L050
1210L075
1210L110TH
Packaging Code “WR”:
1210L005
1210L010
1210L020
1210L150TH
1210L175
Packaging Code “PR”:
1210L075/24
1210L200
W
8.0+/- 0.30
8.0+/- 0.30
8.0+/- 0.30
H
12.0+/- 0.05
F
3.5+/- 0.05
3.5+/- 0.05
3.5+/- 0.05
W
9.0+/- 0.5
E
1
1.75+/- 0.10
1.75+/- 0.10
1.75+/- 0.10
D
Ø 60+0.5
D
0
1.55+/- 0.05
1.55+/- 0.05
1.55+/- 0.05
F
Ø 13.0+/- 0.2
D
1
1.0 (min)
1.0 (min)
1.0 (min)
C
Ø 178+/- 1.0
P
0
4.0+/- 0.10
4.0+/- 0.10
4.0+/- 0.10
H
1
11+/- 0.5
P
1
4.0+/- 0.10
4.0+/- 0.10
4.0+/- 0.10
W
1
2.2+/- 0.5
P
2
2.0+/- 0.05
2.0+/- 0.05
2.0+/- 0.05
W
2
3.0+0.5
A
0
2.82+/- 0.10
2.82+/- 0.10
2.67+/- 0.10
W
3
4.0+0.5
B
0
3.46+/- 0.10
3.46+/- 0.10
3.36+/- 0.10
W
4
5.5+0.5
T
0.25+/- 0.10
0.25+/- 0.10
0.25+/- 0.10
K
0
1.00+/- 0.10
1.30+/- 0.10
1.65+/- 0.10
Leader min.
390
390
390
Trailer min.
160
160
160
Tape and Reel Specifications
W4
W2
W3
W1
F
H1
W
C
D
H
D2
K0
B0
A0
T
F
W
E1
P2
D0
P0
P1


Similar Part No. - 1210L010

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1210L010 LITTELFUSE-1210L010 Datasheet
342Kb / 4P
   POLYFUSE짰 Resettable PTCs
1210L010 LITTELFUSE-1210L010 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1210L010 LITTELFUSE-1210L010 Datasheet
375Kb / 4P
   1210L Series
1210L010 LITTELFUSE-1210L010 Datasheet
910Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1210L010WR LITTELFUSE-1210L010WR Datasheet
802Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results

Similar Description - 1210L010

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1210L LITTELFUSE-1210L Datasheet
910Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
0402L LITTELFUSE-0402L Datasheet
815Kb / 5P
   The 0402L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1206L012WR LITTELFUSE-1206L012WR Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
0603L LITTELFUSE-0603L Datasheet
909Kb / 5P
   The 0603L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1812L010 LITTELFUSE-1812L010 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
USBR LITTELFUSE-USBR Datasheet
1Mb / 5P
   The USBR Series radial leaded device is designed to provide overcurrent protection for USB applications where space is not a concern
logo
TEMEX
ROX2525S4 TEMEX-ROX2525S4 Datasheet
468Kb / 2P
   The ROX2525S4 OCXO is a perfect choice where performance versus space is at a premium
logo
Murata Manufacturing Co...
PTGL18AR6R8M6B72B0 MURATA1-PTGL18AR6R8M6B72B0_V01 Datasheet
415Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51A0 MURATA1-PTGL07AS121M0N51A0_V01 Datasheet
345Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51B0 MURATA1-PTGL07AS121M0N51B0_V01 Datasheet
335Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com