Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VWRBT2-D24-S3.3-SMT Datasheet(PDF) 2 Page - CUI INC

Part # VWRBT2-D24-S3.3-SMT
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRBT2-D24-S3.3-SMT Datasheet(HTML) 2 Page - CUI INC

  VWRBT2-D24-S3.3-SMT Datasheet HTML 1Page - CUI INC VWRBT2-D24-S3.3-SMT Datasheet HTML 2Page - CUI INC VWRBT2-D24-S3.3-SMT Datasheet HTML 3Page - CUI INC VWRBT2-D24-S3.3-SMT Datasheet HTML 4Page - CUI INC VWRBT2-D24-S3.3-SMT Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date
11/01/2012 │ page 2 of 5
CUI Inc
│ SERIES: VWRBT2 │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
12 V input
24 V input
9
18
12
24
18
36
Vdc
Vdc
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
measured from low line to high line
±0.2
±0.5
%
load regulation
measured from 10% to 100% full load
±0.5
±1
%
voltage accuracy
positive
negative
refer to recommended circuit
±1
±3
±3
±5
%
%
ripple & noise
35
150
mVp-p
switching frequency
100% load, nominal input voltage
300
kHz
temperature coefficient
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, automatic recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
tested for 1 minute, at 1 mA max.
1,500
Vdc
insulation resistance
at 500 Vdc
1,000
isolation capacitance
input to output
85
pF
RoHS compliant
yes
MTBF
1,000,000
hours
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
temperature rise
at full load
15
°C
lead temperature
for 10 seconds
300
°C


Similar Part No. - VWRBT2-D24-S3.3-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VWRBT2-D24-S3.3-SMT CUI-VWRBT2-D24-S3.3-SMT Datasheet
221Kb / 3P
   dc-dc converter
VWRBT2-D24-S3.3-SMT CUI-VWRBT2-D24-S3.3-SMT Datasheet
217Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VWRBT2-D24-S3.3-SMT

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com