Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VGDS1-S24-D12-SIP Datasheet(PDF) 1 Page - CUI INC

Part # VGDS1-S24-D12-SIP
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGDS1-S24-D12-SIP Datasheet(HTML) 1 Page - CUI INC

  VGDS1-S24-D12-SIP Datasheet HTML 1Page - CUI INC VGDS1-S24-D12-SIP Datasheet HTML 2Page - CUI INC VGDS1-S24-D12-SIP Datasheet HTML 3Page - CUI INC VGDS1-S24-D12-SIP Datasheet HTML 4Page - CUI INC VGDS1-S24-D12-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
09/07/2012
page
1 of 5
SERIES:
VGDS1-SIP │ DESCRIPTION: DC-DC CONVERTER
date
09/07/2012
page
1 of 5
FEATURES
• 1 W isolated output
• industry standard 7 pin SIP package
• single unregulated outputs
• 6,000 V isolation
• short circuit protection
• UL safety approvals
• wide temperature (-40~85°C)
• efficiency up to 78%
RoHS
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
UL60950
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
VGDS1-S5-D5-SIP
5
4.5~5.5
±5
±10
±100
1
150
72
YES
VGDS1-S5-D9-SIP
5
4.5~5.5
±9
±6
±56
1
150
72
YES
VGDS1-S5-D12-SIP
5
4.5~5.5
±12
±5
±42
1
150
75
YES
VGDS1-S5-D15-SIP
5
4.5~5.5
±15
±4
±33
1
150
75
YES
VGDS1-S12-D5-SIP
12
10.8~13.2
±5
±10
±100
1
150
75
YES
VGDS1-S12-D9-SIP
12
10.8~13.2
±9
±6
±56
1
150
76
YES
VGDS1-S12-D12-SIP
12
10.8~13.2
±12
±5
±42
1
150
78
YES
VGDS1-S12-D15-SIP
12
10.8~13.2
±15
±4
±33
1
150
78
YES
VGDS1-S15-D5-SIP
15
13.5~16.5
±5
±10
±100
1
150
74
NO
VGDS1-S15-D9-SIP
15
13.5~16.5
±9
±6
±56
1
150
75
NO
VGDS1-S15-D12-SIP
15
13.5~16.5
±12
±5
±42
1
150
78
NO
VGDS1-S15-D15-SIP
15
13.5~16.5
±15
±4
±33
1
150
78
NO
VGDS1-S24-D5-SIP
24
21.6~26.4
±5
±10
±100
1
150
72
YES
VGDS1-S24-D9-SIP
24
21.6~26.4
±9
±6
±56
1
150
76
YES
VGDS1-S24-D12-SIP
24
21.6~26.4
±12
±5
±42
1
150
78
YES
VGDS1-S24-D15-SIP
24
21.6~26.4
±15
±4
±33
1
150
78
YES
Notes:
1. ripple and noise are measured at 20 MHz BW
VGDS1 - SXX - DXX -SIP
Input Voltage
Output Voltage
Base Number
Packaging Style


Similar Part No. - VGDS1-S24-D12-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGDS2-DIP CUI-VGDS2-DIP Datasheet
847Kb / 3P
   DC-DC Converter
VGDS2-S12-D12-DIP CUI-VGDS2-S12-D12-DIP Datasheet
847Kb / 3P
   DC-DC Converter
VGDS2-S12-D12-SIP CUI-VGDS2-S12-D12-SIP Datasheet
233Kb / 5P
   DC-DC CONVERTER
VGDS2-S12-D15-DIP CUI-VGDS2-S12-D15-DIP Datasheet
847Kb / 3P
   DC-DC Converter
VGDS2-S12-D15-SIP CUI-VGDS2-S12-D15-SIP Datasheet
233Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VGDS1-S24-D12-SIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com