Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5267B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 1N5267B
Description  Absolute Maximum Ratings
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5267B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  1N5267B Datasheet HTML 1Page - Fairchild Semiconductor 1N5267B Datasheet HTML 2Page - Fairchild Semiconductor 1N5267B Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5221B-1N5279B Rev. E
2003 Fairchild Semiconductor Corporation
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
Tolerance = 5%
Electrical Characteristics
T
A = 25°C unless otherwise noted
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed
or low duty cycle operations.
*These ratings are limiting values above which the serviceability of the diode may be impaired.
**Non-recurrent square wave PW= 8.3 ms, TA= 50 degrees C.
Zeners
1N5221B - 1N5279B
Symbol
Parameter
Value
Units
PD
Power Dissipation
Derate above 75
°C
500
4.0
mW
mW/
°C
T
STG
Storage Temperature Range
-65 to +200
°C
TJ
Maximum Junction Operating Temperature
+ 200
°C
Lead Temperature (1/16” from case for 10
seconds)
+ 230
°C
DO-35 Glass case
COLOR BAND DENOTES CATHODE
Device
V
Z
(V)
Z
Z
(
Ω)
I
Z
(mA)
Z
ZK
(
Ω)
I
ZK
(mA)
I
R
(
µµµµA)
V
R
(V)
T
C
(%/
°°°°C)
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
2.4
2.5
2.7
2.8
3.0
30
30
30
30
29
20
20
20
20
20
1,200
1,250
1,300
1,400
1,600
0.25
0.25
0.25
0.25
0.25
100
100
75
75
50
1.0
1.0
1.0
1.0
1.0
- 0.085
- 0.085
- 0.080
- 0.080
- 0.075
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
3.3
3.6
3.9
4.3
4.7
28
24
23
22
19
20
20
20
20
20
1,600
1,700
1,900
2,000
1,900
0.25
0.25
0.25
0.25
0.25
25
15
10
5.0
2.0
1.0
1.0
1.0
1.0
1.0
- 0.07
- 0.065
- 0.06
+/- 0.055
+/- 0.03
1N5231B
1N5232B
1N5233B
1N5234B
1N5235BT
5.1
5.6
6.0
6.2
6.8
17
11
7.0
7.0
5.0
20
20
20
20
20
1,600
1,600
1,600
1,000
750
0.25
0.25
0.25
0.25
0.25
2.0
3.0
3.5
4.0
5.0
2.0
3.0
3.5
4.0
5.0
+/- 0.03
0.038
0.038
0.045
0.05
1N5236BT
1N5237BT
1N5238BT
1N5239BT
1N5240BT
7.5
8.2
8.7
9.1
10
6.0
8.0
8.0
10
17
20
20
20
20
20
500
500
600
600
600
0.25
0.25
0.25
0.25
0.25
6.0
6.5
6.5
7.0
8.0
6.0
6.5
6.5
7.0
8.0
0.058
0.062
0.065
0.068
0.075
1N5241BT
1N5242BT
1N5243BT
1N5244BT
1N5245BT
11
12
13
14
15
22
30
13
15
16
20
20
9.5
9.0
8.5
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
8.4
0.1
0.1
0.1
0.1
8.4
9.1
9.9
10
11
0.076
0.077
0.079
0.080
0.082
@
@
@


Similar Part No. - 1N5267B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5267B VISHAY-1N5267B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Gaomi Xinghe Electronic...
1N5267B GXELECTRONICS-1N5267B Datasheet
203Kb / 2P
   Silicon Z?밆iodes
logo
Galaxy Semi-Conductor H...
1N5267B BILIN-1N5267B Datasheet
202Kb / 3P
   ZENER DIODES
logo
Zibo Seno Electronic En...
1N5267B ZSELEC-1N5267B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Tiger Electronic Co.,Lt...
1N5267B TGS-1N5267B Datasheet
264Kb / 3P
   Zener diode
More results

Similar Description - 1N5267B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5226B FAIRCHILD-1N5226B Datasheet
23Kb / 3P
   Absolute Maximum Ratings
logo
Shindengen Electric Mfg...
K1V36W SHINDENGEN-K1V36W_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
Xilinx, Inc
DS312 XILINX-DS312 Datasheet
5Mb / 233P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
BD1 NJSEMI-BD1 Datasheet
46Kb / 1P
   absolute maximum ratings
logo
Shindengen Electric Mfg...
K1V14 SHINDENGEN-K1V14_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
2N3957 NJSEMI-2N3957 Datasheet
224Kb / 2P
   ABSOLUTE MAXIMUM RATINGS
logo
SHENZHEN YONGERJIA INDU...
MA153 WINNERJOIN-MA153 Datasheet
59Kb / 1P
   ABSOLUTE MAXIMUM RATINGS
logo
New Jersey Semi-Conduct...
IRFF220 NJSEMI-IRFF220 Datasheet
80Kb / 2P
   Absolute Maximum Ratings
logo
Roithner LaserTechnik G...
RLT808_100MG ROITHNER-RLT808_100MG Datasheet
86Kb / 1P
   ABSOLUTE MAXIMUM RATINGS
logo
New Jersey Semi-Conduct...
2N1924 NJSEMI-2N1924 Datasheet
675Kb / 2P
   absolute maximum ratings
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com