Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VWRAS2 Datasheet(PDF) 1 Page - CUI INC

Part # VWRAS2
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRAS2 Datasheet(HTML) 1 Page - CUI INC

  VWRAS2 Datasheet HTML 1Page - CUI INC VWRAS2 Datasheet HTML 2Page - CUI INC VWRAS2 Datasheet HTML 3Page - CUI INC VWRAS2 Datasheet HTML 4Page - CUI INC VWRAS2 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 02/19/2013
page 1 of 5
SERIES: VWRAS2
│ DESCRIPTION: DC-DC CONVERTER
date 02/19/2013
page 1 of 5
FEATURES
• 2 W isolated output
• wide input (2:1)
• industry standard 8 pin SIP package
• dual unregulated outputs
• 1,500 V isolation
• short circuit protection
• wide temperature (-40~85°C)
• efficiency up to 79%
RoHS
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
VWRAS2-D5-D5-SIP
5
4.5~9.0
±5
±20
±200
2
100
67
VWRAS2-D5-D9-SIP
5
4.5~9.0
±9
±11
±111
2
100
71
VWRAS2-D5-D12-SIP
5
4.5~9.0
±12
±8
±83
2
100
72
VWRAS2-D5-D15-SIP
5
4.5~9.0
±15
±7
±67
2
100
73
VWRAS2-D12-D5-SIP
12
4.5~9.0
±5
±20
±200
2
100
73
VWRAS2-D12-D9-SIP
12
4.5~9.0
±9
±11
±111
2
100
74
VWRAS2-D12-D12-SIP
12
9.0~18.0
±12
±8
±83
2
100
78
VWRAS2-D12-D15-SIP
12
9.0~18.0
±15
±7
±67
2
100
77
VWRAS2-D24-D5-SIP
24
9.0~18.0
±5
±20
±200
2
100
76
VWRAS2-D24-D9-SIP
24
9.0~18.0
±9
±11
±111
2
100
78
VWRAS2-D24-D12-SIP
24
9.0~18.0
±12
±8
±83
2
100
79
VWRAS2-D24-D15-SIP
24
9.0~18.0
±15
±7
±67
2
100
78
VWRAS2-D48-D5-SIP
48
18.0~36.0
±5
±20
±200
2
100
75
VWRAS2-D48-D9-SIP
48
18.0~36.0
±9
±11
±111
2
100
78
VWRAS2-D48-D12-SIP
48
18.0~36.0
±12
±8
±83
2
100
79
VWRAS2-D48-D15-SIP
48
18.0~36.0
±15
±7
±67
2
100
79
Notes:
1. ripple and noise are measured at 20 MHz BW
PART NUMBER KEY
VWRAS2 - DXX - DXX -SIP
Input Voltage
Output Voltage
Base Number
Packaging Style


Similar Part No. - VWRAS2

ManufacturerPart #DatasheetDescription
logo
CUI INC
VWRAS2-D12-D12-SIP CUI-VWRAS2-D12-D12-SIP Datasheet
112Kb / 3P
   dc/dc converter
VWRAS2-D12-D12-SIP CUI-VWRAS2-D12-D12-SIP Datasheet
281Kb / 3P
   dc-dc converter
VWRAS2-D12-D15-SIP CUI-VWRAS2-D12-D15-SIP Datasheet
112Kb / 3P
   dc/dc converter
VWRAS2-D12-D15-SIP CUI-VWRAS2-D12-D15-SIP Datasheet
281Kb / 3P
   dc-dc converter
VWRAS2-D12-D5-SIP CUI-VWRAS2-D12-D5-SIP Datasheet
112Kb / 3P
   dc/dc converter
More results

Similar Description - VWRAS2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com