Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VGDS2-S5-D12-SIP Datasheet(PDF) 4 Page - CUI INC

Part # VGDS2-S5-D12-SIP
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGDS2-S5-D12-SIP Datasheet(HTML) 4 Page - CUI INC

  VGDS2-S5-D12-SIP Datasheet HTML 1Page - CUI INC VGDS2-S5-D12-SIP Datasheet HTML 2Page - CUI INC VGDS2-S5-D12-SIP Datasheet HTML 3Page - CUI INC VGDS2-S5-D12-SIP Datasheet HTML 4Page - CUI INC VGDS2-S5-D12-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VGDS2-SIP │ DESCRIPTION: DC-DC CONVERTER
date
09/10/2012 │ page 4 of 5
APPLICATION NOTES
1.
Requirement on output load
To ensure that this module can operate efficiently and reliably, a minimum load is specified in addition to a maximum load. During
operation, make sure that the specified range of input voltage is not exceeded and that the minimum output load is not less than 10%
of the full load. This product should never be operated under no load. If the output of the power supply is small, please connect a
resistor with proper resistance at the output end in parallel to increase the load.
2.
Recommended testing and application circuit
An output capacitor is needed to meet output ripple requirements as shown in Table 2. Output capacitance may be increased for ad-
ditional filtering, but should not exeed 10μF or expanded to an LC network as in Figure 1.
It should also be noted that the inductance and the frequency of the “LC” filtering network should be staggered with the dc-dc fre-
quency to avoid mutual interference. However, the capacitance of the output filter capacitor must be correct. If the capacitance is too
large then a startup problem may arise. For every channel of output, provided that safe and reliable operation is ensured, the recom-
mended capacitance of its filter capacitor should be as seen in Table 1.
It is not recommended to connect any external capacitor in the application field with less than a 0.5 W output.
3.
Output voltage regulation and over-voltage protection circuit
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat
protection that is connected to the output end in series. (Figure 2)
4.
Overload protection
Under normal operating conditions, the output circuit of these dc-dc converters has no protection against overload. The simplest
method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit.
Vin
GND
+Vo
0V
DC
Cin
L
L
DC
L Cout
Cout
-Vo
Figure 1
Vin
(Vdc)
Cin
(μF)
Dual Vout
(Vdc)
Cout
(μF)
5
10
±5
4.7
12
4.7
±9
2.2
--
--
±12
1.0
24
2.2
±15
0.47
Table 1
Vin
GND
0V
+Vo
DC DC
-Vo
REG
REG
REG
Figure 2


Similar Part No. - VGDS2-S5-D12-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGDS2-S5-D12-DIP CUI-VGDS2-S5-D12-DIP Datasheet
847Kb / 3P
   DC-DC Converter
More results

Similar Description - VGDS2-S5-D12-SIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com