Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VAWQ3-Q24-D12 Datasheet(PDF) 3 Page - CUI INC

Part # VAWQ3-Q24-D12
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAWQ3-Q24-D12 Datasheet(HTML) 3 Page - CUI INC

  VAWQ3-Q24-D12 Datasheet HTML 1Page - CUI INC VAWQ3-Q24-D12 Datasheet HTML 2Page - CUI INC VAWQ3-Q24-D12 Datasheet HTML 3Page - CUI INC VAWQ3-Q24-D12 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
date 03/12/2013
│ page 3 of 4
CUI Inc
│ SERIES: VAWQ3 │ DESCRIPTION: DC-DC CONVERTER
1
BOTTOM
VIEW
2
3
24
23
22
16
15
14
13
9
10
11
12
31.8
[1.25]
15.24
[0.600]
20.3
[0.80]
2.54
[0.100]
3.8
[0.15]
10.2
[0.40]
SEE NOTE
2.0
[0.08]
MECHANICAL DRAWING
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
1.25 x 0.80 x 0.40 (31.8 x 20.3 x 10.2 mm)
inch
case material
non-conductive black plastic
weight
12.5
g
100
80
60
40
20
Ambient Temperature (°C)
-40-20
020406071
95
120
DERATING CURVES
PIN CONNECTIONS
SINGLE OUTPUT DUAL OUTPUT
PIN
FUNCTION
FUNCTION
1,24
NP
NP
2,3
-Vin
-Vin
4,5
NP
NP
9
NC
Common
10,15
NC
NC
11
NC
-Vo
12,13
NP
NP
14
+Vo
+Vo
16
-Vo
Common
20,21
NP
NP
22,23
+Vin
+Vin
units: mm [inches]
tolerance: inches: x.xx = ±0.02, x.xxx = ±0.010
mm: x.xx = ±0.5, x.xxx = ±0.25
Note: Pin diameter 0.02 inch (0.5 mm)
NP = No Pin
NC = No connection
Note:
All specifications measured at 25°C, nominal input voltage, and full load unless otherwise noted.


Similar Part No. - VAWQ3-Q24-D12

ManufacturerPart #DatasheetDescription
logo
CUI INC
VAWQ3-Q24-D12 CUI-VAWQ3-Q24-D12 Datasheet
233Kb / 3P
   DC-DC converter
VAWQ3-Q24-D12 CUI-VAWQ3-Q24-D12 Datasheet
370Kb / 4P
   DC-DC CONVERTER
07/20/2021
VAWQ3-Q24-D12 CUI-VAWQ3-Q24-D12 Datasheet
474Kb / 4P
   DC-DC CONVERTER
07/20/2021
More results

Similar Description - VAWQ3-Q24-D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com