Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQMC3-D12-S12-S Datasheet(PDF) 2 Page - CUI INC

Part # PQMC3-D12-S12-S
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQMC3-D12-S12-S Datasheet(HTML) 2 Page - CUI INC

  PQMC3-D12-S12-S Datasheet HTML 1Page - CUI INC PQMC3-D12-S12-S Datasheet HTML 2Page - CUI INC PQMC3-D12-S12-S Datasheet HTML 3Page - CUI INC PQMC3-D12-S12-S Datasheet HTML 4Page - CUI INC PQMC3-D12-S12-S Datasheet HTML 5Page - CUI INC PQMC3-D12-S12-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PQMC3-S │ DESCRIPTION: DC-DC CONVERTER
date 03/19/2013
│ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
5 V input models
12 V input models
24 V input models
48 V input models
4.5
9
18
36
5
12
24
48
9
18
36
75
Vdc
Vdc
Vdc
Vdc
start-up voltage
5 V input models
12 V input models
24 V input models
48 V input models
3.5
4.5
11
24
4
8
16
33
4.5
9
18
36
Vdc
Vdc
Vdc
Vdc
surge voltage
for maximum of 1 second
5 V input models
12 V input models
24 V input models
48 V input models
-0.7
-0.7
-0.7
-0.7
12
25
50
100
Vdc
Vdc
Vdc
Vdc
filter
capacitance filter
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
full load, input voltage from low to high
±0.2
±0.5
%
load regulation
5% to 100% load
±0.6
±1
%
voltage accuracy
5% to 100% load
±1
±3
%
no-load voltage accuracy
±1.5
±5
%
voltage balance
dual output, balanced loads
dual output, unbalanced loads
±0.5
±1
±5
%
%
switching frequency
100% load, nominal input voltage
250
KHz
transient recovery time
25% load step change
0.5
3
ms
transient response deviation
25% load step change
±2.5
±5
%
temperature coefficient
100% load
±0.02
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, automatic recovery
over current protection
120
%
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute at 1 mA max.
1,500
Vdc
isolation resistance
at 500 Vdc
1,000
MΩ
conducted emissions
CISPR22/EN55022, class B, (external circuit required, see Figure 1-b)
radiated emissions
CISPR22/EN55022, class B, (external circuit required, see Figure 1-b)
ESD1
IEC/EN61000-4-2, class B, contact ± 4kV/ air ± 8kV
radiated immunity
IEC/EN61000-4-3, class A, 10V/m
EFT/burst
IEC/EN61000-4-4, class B, ± 2kV (external circuit required, see Figure 1-a)
Notes:
1. 24V input models can only meet ESD contact ±2kV with external circuit 1-c hooked up. 24V input models can meet ESD contact ±4kV with external circuit 1-a, 1-b, and 1-c hooked up.
PART NUMBER KEY
PQMC3 - DXX - XXX -S
Input Voltage
Output Voltage
Packaging Style
Base Number
S = single
D = dual
SIP
Output


Similar Part No. - PQMC3-D12-S12-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PQMC3-D12-S12-S CUI-PQMC3-D12-S12-S Datasheet
1,001Kb / 6P
   DC-DC CONVERTER
11/15/2021
More results

Similar Description - PQMC3-D12-S12-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com