Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQMC3-D12-S5-S Datasheet(PDF) 5 Page - CUI INC

Part # PQMC3-D12-S5-S
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQMC3-D12-S5-S Datasheet(HTML) 5 Page - CUI INC

  PQMC3-D12-S5-S Datasheet HTML 1Page - CUI INC PQMC3-D12-S5-S Datasheet HTML 2Page - CUI INC PQMC3-D12-S5-S Datasheet HTML 3Page - CUI INC PQMC3-D12-S5-S Datasheet HTML 4Page - CUI INC PQMC3-D12-S5-S Datasheet HTML 5Page - CUI INC PQMC3-D12-S5-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PQMC3-S │ DESCRIPTION: DC-DC CONVERTER
date 03/19/2013
│ page 5 of 6
1. Output load requirement
To ensure this module can operate efficiently and reliably, the minimum output load may not be less than 5% of the full load during
operation. If the actual output power is low, connect a resistor at the output end in parallel to increase the load.
2. Recommended circuit
This series has been tested according to the following recommended testing circuit before leaving the factory. This series should be
tested under load (see Figure 2). If you want to further decrease the input/output ripple, you can increase the capacitance accordingly
or choose capacitors with low ESR. However, the capacitance of the output filter capacitor must be appropriate. If the capacitance is
too high, a startup problem might arise. For every channel of the output, to ensure safe and reliable operation, the maximum capaci-
tance must be less than the maximum capacitive load (see Table 1).
3. CTRL Terminal
When open or applied high impedance, the converter will turn on. When it’s pulled high, the converter will shutdown. The input cur-
rent should between 5-10mA. Exceeding the maximum 20mA will cause permanent damage to the converter. The value for R can be
derived as follows:
4. Input Current
When it is used in an unregulated condition, make sure that the input fluctuations and ripple voltage do not exceed the module stan-
dard. Refer to Figure 3 for the startup current of this dc-dc module.
APPLICATION NOTES
Figure 2
Figure 3
Table 1
Vin
(Vdc)
Cin
(µF)
Lin
(µH)
Cs1
(µF)
Cout
(µF)
Lout2
(µH)
Cd
(nF/V)
5
100
4.7-120
10-22
100
2.2-10
47/100
12
100
4.7-120
10-22
100
2.2-10
47/100
24
10
4.7-120
10-22
100
2.2-10
47/100
48
10
4.7-120
10-22
100
2.2-10
47/100
Single output
Dual output
Note:
1. For single output only
2. For dual output only
300
0
.
1 −
=
C
D
C
I
V
V
R
Note:
1. Minimum load shouldn't be less than 5%, otherwise ripple may increase dramatically. Operation under minimum load will not damage the converter, however, they may
not meet all specifications listed.
2. Maximum capacitive load is tested at input voltage range and full load.
3. All specifications are measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
Range
InputVoltage
InputVoltage (V)
Ip
Vin
(Vdc)
Ip
(mA)
5
1200
12
650
24
310
48
160


Similar Part No. - PQMC3-D12-S5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PQMC3-D12-S5-S CUI-PQMC3-D12-S5-S Datasheet
1,001Kb / 6P
   DC-DC CONVERTER
11/15/2021
More results

Similar Description - PQMC3-D12-S5-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com