Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMG05N60D Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMG05N60D
Description  POWERLUX IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMG05N60D Datasheet(HTML) 2 Page - Motorola, Inc

  MMG05N60D Datasheet HTML 1Page - Motorola, Inc MMG05N60D Datasheet HTML 2Page - Motorola, Inc MMG05N60D Datasheet HTML 3Page - Motorola, Inc MMG05N60D Datasheet HTML 4Page - Motorola, Inc MMG05N60D Datasheet HTML 5Page - Motorola, Inc MMG05N60D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMG05N60D
2
Motorola Power Products Division Technical Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–to–Emitter Breakdown Voltage
(VGE = 0 Vdc, IC = 250 µAdc)
Temperature Coefficient (Positive)
BVCES
600
680
0.7
Vdc
V/
°C
Zero Gate Voltage Collector Current
(VCE = 600 Vdc, VGE = 0 Vdc, TC = 25°C)
(VCE = 600 Vdc, VGE = 0 Vdc, TC = 125°C)
ICES
ICES
0.1
5.0
5.0
50
µAdc
Gate–Body Leakage Current (VGE = ± 15 Vdc, VCE = 0 Vdc)
IGES
10
100
mAdc
ON CHARACTERISTICS
Collector–to–Emitter On–State Voltage
(VGE = 15 Vdc, IC = 0.3 Adc, TC = 25°C)
(VGE = 15 Vdc, IC = 0.3 Adc, TC = 125°C)
VCE(on)
1.6
1.5
2.0
Vdc
Gate Threshold Voltage
(VCE = VGE, IC = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGE(th)
3.5
6.0
6.0
Vdc
mV/
°C
Forward Transconductance (VCE = 10 Vdc, IC = 0.5 Adc)
gfe
0.3
0.42
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
20 Vdc V
0 Vdc
Cies
75
100
pF
Output Capacitance
(VCE = 20 Vdc, VGE = 0 Vdc,
f = 1.0 MHz)
Coes
11
20
Transfer Capacitance
f = 1.0 MHz)
Cres
1.6
5.0
DIODE CHARACTERISTICS
Diode Forward Voltage Drop
(IEC = 0.3 Adc, TC = 25°C)
(IEC = 0.3 Adc, TC = 125°C)
(IEC = 0.1 Adc, TC = 25°C)
(IEC = 0.1 Adc, TC = 125°C)
VFEC
5.0
5.2
2.3
2.3
6.0
3.0
Vdc
Reverse Recovery Time @ TC = 25°C
IF = 0.4 Adc, VR = 300 Vdc, dIF/dt = 10 A/ms
trr
150
ns
Reverse Recovery Stored Charge
IF = 0.4 Adc, VR = 300 Vdc, dIF/dt = 10 A/ms
QRR
35
mC
SWITCHING CHARACTERISTICS (1)
Turn–Off Delay Time
(VCC = 300 Vdc, IC = 0.4 Adc,
V15 Vd
L
3 0
H R
25
td(off)
28
ns
Fall Time
VGE = 15 Vdc, L = 3.0 mH, RG = 25 Ω,
TC = 25°C, dV/dt = 1000 V/ms)
tf
150
Turn–Off Switching Loss
TC = 25 C, dV/dt = 1000 V/ms)
Energy losses include “tail”
Eoff
3.25
4.25
mJ
Turn–Off Delay Time
(VCC = 300 Vdc, IC = 0.4 Adc,
V15 Vd
L
3 0
H R
25
td(off)
21
ns
Fall Time
VGE = 15 Vdc, L = 3.0 mH, RG = 25 Ω,
TC = 125°C, dV/dt = 1000 V/ms)
tf
280
Turn–Off Switching Loss
TC = 125 C, dV/dt = 1000 V/ms)
Energy losses include “tail”
Eoff
8.0
10
mJ
Gate Charge
(VCC = 300 Vdc, IC = 0.3 Adc,
VGE = 15 Vdc)
QT
6.4
nC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.


Similar Part No. - MMG05N60D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
More results

Similar Description - MMG05N60D

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com