Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM6210CRSZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADuM6210CRSZ
Description  Dual-Channel Isolators with Integrated DC-to-DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM6210CRSZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADuM6210CRSZ Datasheet HTML 5Page - Analog Devices ADuM6210CRSZ Datasheet HTML 6Page - Analog Devices ADuM6210CRSZ Datasheet HTML 7Page - Analog Devices ADuM6210CRSZ Datasheet HTML 8Page - Analog Devices ADuM6210CRSZ Datasheet HTML 9Page - Analog Devices ADuM6210CRSZ Datasheet HTML 10Page - Analog Devices ADuM6210CRSZ Datasheet HTML 11Page - Analog Devices ADuM6210CRSZ Datasheet HTML 12Page - Analog Devices ADuM6210CRSZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADuM6210/ADuM6211/ADuM6212
Rev. 0 | Page 9 of 24
PACKAGE CHARACTERISTICS
Table 14. Thermal and Isolation Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)1
RI-O
1012
Ω
Capacitance (Input to Output)1
CI-O
2.2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction-to-Ambient Thermal Resistance
θJA
50
°C/W
Thermocouple located at center of package underside,
test conducted on 4-layer board with thin traces3
1 The device is considered a 2-terminal device: Pin 1 through Pin 10 are shorted together; and Pin 11 through Pin 20 are shorted together.
2 Input capacitance is from any input data pin to ground.
3 See the Thermal Analysis section for thermal model definitions.
REGULATORY APPROVALS
Table 15.
UL (Pending)1
CSA (Pending)
VDE (Pending)2
Recognized under 1577 Component
Recognition Program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
Single Protection, 3750 V RMS
Isolation Voltage
Reinforced insulation per CSA 60950-1-03
and IEC 60950-1, 265 V rms (375 V peak)
maximum working voltage
Reinforced insulation, 849 V peak
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL 1577, each ADuM6210/ADuM6211/ADuM6212 is proof tested by applying an insulation test voltage ≥ 3000 V rms for 1 second
(current leakage detection limit = 10 µA).
2 In accordance with DIN V VDE V 0884-10, each ADuM6210/ADuM6211/ADuM6212 is proof tested by applying an insulation test voltage ≥1590 V peak for
1 second (partial discharge detection limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 16. Critical Safety-Related Dimensions and Material Properties
Parameter
Symbol Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
3750
V rms 1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
5.3
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
5.3
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min mm
Distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303, Part 1
Isolation Group
II
Material group (DIN VDE 0110, 1/89, Table 1)


Similar Part No. - ADuM6210CRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6210CRSZ AD-ADUM6210CRSZ Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210CRSZ-RL7 AD-ADUM6210CRSZ-RL7 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
More results

Similar Description - ADuM6210CRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5210 AD-ADUM5210_V01 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com