Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM4190BRIZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADuM4190BRIZ
Description  High-stability Isolated Error Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4190BRIZ Datasheet(HTML) 7 Page - Analog Devices

  ADuM4190BRIZ Datasheet HTML 1Page - Analog Devices ADuM4190BRIZ Datasheet HTML 2Page - Analog Devices ADuM4190BRIZ Datasheet HTML 3Page - Analog Devices ADuM4190BRIZ Datasheet HTML 4Page - Analog Devices ADuM4190BRIZ Datasheet HTML 5Page - Analog Devices ADuM4190BRIZ Datasheet HTML 6Page - Analog Devices ADuM4190BRIZ Datasheet HTML 7Page - Analog Devices ADuM4190BRIZ Datasheet HTML 8Page - Analog Devices ADuM4190BRIZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Technical Data
ADuM4190
Rev. PrA| Page 7 of 9
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
Storage Temperature (TST) Range
−65°C to +150°C
Ambient Operating Temperature
(TA) Range
−40°C to +125°C
Junction Temperature
Supply Voltages (VDD1, VDD2)1
Supply Voltages (VREG1, VREG2)1
Input Voltages (+IN, -IN)
Output Voltages (REFOUT, Comp)
Output Voltages (REFOUT1, EAOUT)
EAOUT2
Average Output Current per Output
Pin
−40°C to +150°C
−0.5 V to +24 V
−0.5 V to +3.6V
−0.5 V to +3.6V
−0.5 V to +3.6V
−0.5 V to +3.6V
−0.5 V to +5.5V
−11 mA to + 11 mA
Common-Mode Transients4
−100 kV/μs to +100 kV/μs
1 All voltages are relative to their respective ground.
2 VDDI and VDDO refer to the supply voltages on the input and output sides of a
given channel, respectively. See the Applications section.
3 See Regulatory Information for maximum rated current values for various
temperatures.
4 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause
latch-up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 All voltages are relative to their respective ground. See the Applications
section for information on immunity to external magnetic fields.
ESD CAUTION


Similar Part No. - ADuM4190BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM4190BRIZ AD-ADuM4190BRIZ Datasheet
526Kb / 21P
   High Stability Isolated Error Amplifier
ADuM4190BRIZ-RL AD-ADuM4190BRIZ-RL Datasheet
526Kb / 21P
   High Stability Isolated Error Amplifier
More results

Similar Description - ADuM4190BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3190S AD-ADUM3190S_18 Datasheet
1Mb / 14P
   High Stability Isolated Error Amplifier
ADUM3190 AD-ADUM3190 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADUM3190 AD-ADUM3190_13 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADUM4190 AD-ADUM4190_16 Datasheet
526Kb / 21P
   High Stability Isolated Error Amplifier
ADUM3190 AD-ADUM3190_16 Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
ADUM3190S AD-ADUM3190S Datasheet
365Kb / 15P
   High Stability Isolated Error Amplifier
Rev. G
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com