Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM3190BRQZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADuM3190BRQZ
Description  High Stability Isolated Error Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3190BRQZ Datasheet(HTML) 3 Page - Analog Devices

  ADuM3190BRQZ Datasheet HTML 1Page - Analog Devices ADuM3190BRQZ Datasheet HTML 2Page - Analog Devices ADuM3190BRQZ Datasheet HTML 3Page - Analog Devices ADuM3190BRQZ Datasheet HTML 4Page - Analog Devices ADuM3190BRQZ Datasheet HTML 5Page - Analog Devices ADuM3190BRQZ Datasheet HTML 6Page - Analog Devices ADuM3190BRQZ Datasheet HTML 7Page - Analog Devices ADuM3190BRQZ Datasheet HTML 8Page - Analog Devices ADuM3190BRQZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADuM3190
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VDD1 = VDD2 = 3 V to 20 V for TA = TMIN to TMAX. All typical specifications are at TA = 25°C and VDD1 = VDD2 = 5 V, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ACCURACY
(1.225 V − EAOUT)/1.225 V × 100%; see Figure 18
Initial Error
TA = 25°C
0.25
0.5
%
Total Error
TA = TMIN to TMAX
0.5
1
%
OP AMP
Offset Error
−5
±2.5
+5
mV
Open-Loop Gain
66
80
dB
Input Common-Mode Range
0.35
1.5
V
Gain Bandwidth Product
10
MHz
Common-Mode Rejection
72
dB
Input Capacitance
2
pF
Output Voltage Range
COMP pin
0.2
2.7
V
Input Bias Current
0.01
μA
REFERENCE
Output Voltage
At 25°C, 0 mA to 1 mA load, CREFOUT = 15 pF
1.215
1.225
1.235
V
−40°C to +125°C, 0 mA to 1 mA load, CREFOUT = 15 pF
1.213
1.225
1.237
V
Output Current
CREFOUT = 15 pF
2.0
mA
UVLO
Positive Going Threshold
2.8
2.96
V
Negative Going Threshold
2.4
2.6
V
EAOUT Impedance
VDD2 < UVLO threshold or VDD1 < UVLO threshold
High-Z
Ω
OUTPUT CHARACTERISTICS
Output Gain
From COMP to EAOUT, dc, 0.3 V to 2.4 V; and from
COMP to EAOUT2, dc, 0.4 V to 5.0 V
0.9
1.0
1.1
V/V
From COMP to EAOUT, 0.3 V to 2.4 V, ±3 mA; and from
COMP to EAOUT2, 0.4 V to 5.0 V, ±1 mA
2.34
2.6
2.86
V/V
Output −3 dB Bandwidth
A and S Grades
100
200
kHz
B and T Grades
250
400
kHz
Output Voltage
EAOUT
±3 mA output
Low
0.4
V
High
2.4
2.5
V
EAOUT2
±1 mA output
Low
VDD1 = 4.5 V to 5.5 V
0.3
0.6
V
High
VDD1 = 4.5 V to 5.5 V
4.8
4.9
V
Low
VDD1 = 10 V to 20 V
0.3
0.6
V
High
VDD1 = 10 V to 20 V
5.0
5.4
V
Noise
See Figure 18
EAOUT
1.7
mV rms
EAOUT2
4.8
mV rms
POWER SUPPLY
Operating Range, Side 1
VDD1
3.0
20
V
Operating Range, Side 2
VDD2
3.0
20
V
Power Supply Rejection
DC, VDD1 = VDD2 = 3 V to 20 V
60
dB
Supply Current
IDD1
See Figure 18
1.4
2.0
mA
IDD2
See Figure 18
2.9
5.0
mA


Similar Part No. - ADuM3190BRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM3190BRQZ AD-ADuM3190BRQZ Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190BRQZ AD-ADuM3190BRQZ Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
ADuM3190BRQZ-RL7 AD-ADuM3190BRQZ-RL7 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190BRQZ-RL7 AD-ADuM3190BRQZ-RL7 Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
More results

Similar Description - ADuM3190BRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3190S AD-ADUM3190S_18 Datasheet
1Mb / 14P
   High Stability Isolated Error Amplifier
ADUM3190 AD-ADUM3190_13 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADUM4190 AD-ADUM4190_16 Datasheet
526Kb / 21P
   High Stability Isolated Error Amplifier
ADUM4190 AD-ADUM4190 Datasheet
478Kb / 9P
   High-stability Isolated Error Amplifier
Rev. PrA
ADUM3190 AD-ADUM3190_16 Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
ADUM3190S AD-ADUM3190S Datasheet
365Kb / 15P
   High Stability Isolated Error Amplifier
Rev. G
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com