Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1046AACPZ-RL Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1046AACPZ-RL
Description  Digital Controller for Isolated Power Supply Applications
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-RL Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1046AACPZ-RL Datasheet HTML 9Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 10Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 11Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 12Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 13Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 14Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 15Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 16Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
Data Sheet
ADP1046A
Rev. 0 | Page 13 of 88
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
1.0
0.5
1.5
2.0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
MAX SPEC
MIN SPEC
MEAN
MAX
MIN
Figure 10. ACSNS ADC Accuracy vs. Temperature (from 10% to 90% of FSR)
1.220
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
MIN
MAX
MAX SPEC
MIN SPEC
MEAN
Figure 11. CS1 Fast OCP Threshold vs. Temperature
1.28
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
MIN
MAX
MAX SPEC
MIN SPEC
MEAN
Figure 12. VS1 Fast OCP Threshold vs. Temperature


Similar Part No. - ADP1046AACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046ACPZ-R7 AD-ADP1046ACPZ-R7 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046ACPZ-RL AD-ADP1046ACPZ-RL Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
More results

Similar Description - ADP1046AACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com