Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1046AACPZ-RL Datasheet(PDF) 88 Page - Analog Devices

Part # ADP1046AACPZ-RL
Description  Digital Controller for Isolated Power Supply Applications
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-RL Datasheet(HTML) 88 Page - Analog Devices

Back Button ADP1046AACPZ-RL Datasheet HTML 80Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 81Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 82Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 83Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 84Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 85Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 86Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 87Page - Analog Devices ADP1046AACPZ-RL Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 88 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 88 of 88
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
PIN 1
INDICATOR
3.25
3.10 SQ
2.95
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.50
0.40
0.30
0.25 MIN
Figure 63. 32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
5 mm × 5 mm Body, Very Very Thin Quad
(CP-32-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP1046AACPZ-RL
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
ADP1046AACPZ-R7
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
ADP1046A-100-EVALZ
ADP1046A 100 W Evaluation Board
ADP1046ADC1-EVALZ
ADP1046A Daughter Card
ADP-I2C-USB-Z
USB to I2C Adapter
1 Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11012-0-2/13(0)


Similar Part No. - ADP1046AACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046ACPZ-R7 AD-ADP1046ACPZ-R7 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046ACPZ-RL AD-ADP1046ACPZ-RL Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
More results

Similar Description - ADP1046AACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com