Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD5687RSDZ Datasheet(PDF) 11 Page - Analog Devices

Part # EVAL-AD5687RSDZ
Description  Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5687RSDZ Datasheet(HTML) 11 Page - Analog Devices

Back Button EVAL-AD5687RSDZ Datasheet HTML 7Page - Analog Devices EVAL-AD5687RSDZ Datasheet HTML 8Page - Analog Devices EVAL-AD5687RSDZ Datasheet HTML 9Page - Analog Devices EVAL-AD5687RSDZ Datasheet HTML 10Page - Analog Devices EVAL-AD5687RSDZ Datasheet HTML 11Page - Analog Devices EVAL-AD5687RSDZ Datasheet HTML 12Page - Analog Devices EVAL-AD5687RSDZ Datasheet HTML 13Page - Analog Devices EVAL-AD5687RSDZ Datasheet HTML 14Page - Analog Devices EVAL-AD5687RSDZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5689R/AD5687R
Rev. 0 | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8. Internal Reference Voltage vs. Temperature (Grade B)
Figure 9. Internal Reference Voltage vs. Temperature (Grade A)
Figure 10. Reference Output Temperature Drift Histogram
Figure 11. Reference Long-Term Stability/Drift
Figure 12. Internal Reference Noise Spectral Density vs. Frequency
Figure 13. Internal Reference Noise, 0.1 Hz to 10 Hz
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
VDD = 5V
–40
–20
0
20
40
60
80
120
100
TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
VDD = 5V
90
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE DRIFT (ppm/°C)
VDD = 5V
60
0
10
20
30
40
50
2.498
2.499
2.500
2.501
2.502
VREF (V)
0 HOUR
168 HOURS
500 HOURS
1000 HOURS
VDD = 5.5V
1600
0
200
400
600
800
1000
1200
1400
10
100
1k
10k
100k
1M
FREQUENCY (MHz)
VDD = 5V
TA = 25°C
CH1 10µV
M1.0s
A CH1
160mV
1
T
VDD = 5V
TA = 25°C


Similar Part No. - EVAL-AD5687RSDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD5687R AD-EVAL-AD5687R Datasheet
882Kb / 12P
   PC control in conjunction with Analog Devices
More results

Similar Description - EVAL-AD5687RSDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5338R AD-AD5338R Datasheet
1Mb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com