Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17501EATB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17501EATB
Description  60V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17501EATB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17501EATB Datasheet HTML 1Page - Maxim Integrated Products MAX17501EATB Datasheet HTML 2Page - Maxim Integrated Products MAX17501EATB Datasheet HTML 3Page - Maxim Integrated Products MAX17501EATB Datasheet HTML 4Page - Maxim Integrated Products MAX17501EATB Datasheet HTML 5Page - Maxim Integrated Products MAX17501EATB Datasheet HTML 6Page - Maxim Integrated Products MAX17501EATB Datasheet HTML 7Page - Maxim Integrated Products MAX17501EATB Datasheet HTML 8Page - Maxim Integrated Products MAX17501EATB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MAX17501
60V, 500mA, Ultra-Small, High-Efficiency,
Synchronous Step-Down DC-DC Converter
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
(VIN = 24V, VGND = VPGND = 0V, CVIN = CVCC=1μF,VEN = 1.5V, CSS = 3300pF, VFB = 0.98 x VOUT, LX = unconnected, RESET
= unconnected. TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to
GND,unlessotherwisenoted.)(Note2)
Note 2: All limits are 100% tested at +25°C. Limits over temperature are guaranteed by design.
Note 3: Guaranteedbydesign,notproductiontested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT LIMIT
Peak Current-Limit Threshold
IPEAK-LIMIT
0.64
0.76
0.86
A
RunawayCurrent-LimitThreshold
IRUNAWAY-
LIMIT
0.65
0.78
0.905
A
Sink Current-Limit Threshold
ISINK-LIMIT
MAX17501A/B
0.03
A
MAX17501E/F/G/H
0.3
0.35
0.4
PFM Current-Limit Threshold
IPFM
MAX17501A/B
0.125
A
TIMINGS
Switching Frequency
fSW
VFB > VOUT-
HICF
MAX17501A/B/E/F/G
560
600
640
kHz
MAX17501H
280
300
320
VFB < VOUT-HICF
280
300
320
EventstoHiccupafterCrossing
RunawayCurrentLimit
1
Event
VOUT Undervoltage Trip Level to
CauseHiccup
VOUT-HICF
VSS > 0.95V (soft-start is done)
69.14
71.14
73.14
%
HICCUPTimeout
32,768
Cycles
Minimum On-Time
tON_MIN
75
120
ns
Maximum Duty Cycle
DMAX
VFB = 0.98 x
VFB-REG
MAX17501A/B/E/F/G
92
94
96
%
MAX17501H
96.5
97.5
98.5
LX Dead Time
5
ns
RESET
RESET
Output Level Low
IRESET = 1mA
0.02
V
RESET
Output Leakage
CurrentHigh
VFB = 1.01 x VFB-REG, TA = +25°C
0.45
µA
VOUT Threshold for RESET Falling
VOUT-OKF
VFB falling
90.5
92.5
94.5
%
VOUT Threshold for RESETRising
VOUT-OKR
VFB rising
93.5
95.5
97.5
%
RESET
DelayAfterFBReaches
95%Regulation
VFB rising
1024
Cycles
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
Temperature rising
165
°C
Thermal-ShutdownHysteresis
10
°C


Similar Part No. - MAX17501EATB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17501EATB++ MAXIM-MAX17501EATB+ Datasheet
3Mb / 16P
   60V, 500mA, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 5/12
MAX17501EATB++ MAXIM-MAX17501EATB+ Datasheet
1Mb / 22P
   60V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
More results

Similar Description - MAX17501EATB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17501 MAXIM-MAX17501_V01 Datasheet
1Mb / 22P
   60V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
MAX17501 MAXIM-MAX17501 Datasheet
3Mb / 16P
   60V, 500mA, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 5/12
MAX17541G MAXIM-MAX17541G Datasheet
939Kb / 17P
   42V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0; 6/15
MAX17541G MAXIM-MAX17541G_V01 Datasheet
1Mb / 17P
   42V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
MAX17502 MAXIM-MAX17502 Datasheet
3Mb / 17P
   60V, 1A, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 5/12
MAX17502 MAXIM-MAX17502_V01 Datasheet
2Mb / 21P
   60V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
MAX17502 MAXIM-MAX17502_13 Datasheet
3Mb / 21P
   60V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 11/12
MAX17551 MAXIM-MAX17551_V01 Datasheet
1Mb / 25P
   60V, 50mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2021
MAX15062 MAXIM-MAX15062_V01 Datasheet
3Mb / 23P
   60V, 300mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converters
2016
MAX17542G MAXIM-MAX17542G_V01 Datasheet
1Mb / 17P
   42V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com