Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17501AATB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17501AATB
Description  60V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17501AATB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17501AATB Datasheet HTML 1Page - Maxim Integrated Products MAX17501AATB Datasheet HTML 2Page - Maxim Integrated Products MAX17501AATB Datasheet HTML 3Page - Maxim Integrated Products MAX17501AATB Datasheet HTML 4Page - Maxim Integrated Products MAX17501AATB Datasheet HTML 5Page - Maxim Integrated Products MAX17501AATB Datasheet HTML 6Page - Maxim Integrated Products MAX17501AATB Datasheet HTML 7Page - Maxim Integrated Products MAX17501AATB Datasheet HTML 8Page - Maxim Integrated Products MAX17501AATB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MAX17501
60V, 500mA, Ultra-Small, High-Efficiency,
Synchronous Step-Down DC-DC Converter
www.maximintegrated.com
Maxim Integrated │ 2
Electrical Characteristics
(VIN = 24V, VGND = VPGND = 0V, CVIN = CVCC=1μF,VEN = 1.5V, CSS = 3300pF, VFB = 0.98 x VOUT, LX = unconnected, RESET
= unconnected. TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to
GND,unlessotherwisenoted.)(Note2)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
VINtoGND.............................................................-0.3Vto+70V
EN/UVLOtoGND.......................................-0.3V to (VIN + 0.3V)
LXtoPGND................................................-0.3V to (VIN + 0.3V)
FB,RESET,COMP,SStoGND .............................-0.3V to +6V
VCCtoGND..............................................................-0.3Vto+6V
GNDtoPGND.......................................................-0.3Vto+0.3V
LXTotalRMSCurrent.........................................................±1.6A
Output Short-Circuit Duration.....................................Continuous
Continuous Power Dissipation (TA = +70°C)
(derate 14.9mW/°C above +70°C) (multilayer board).1188.7mW
OperatingTemperatureRange.........................-40°Cto+125°C
Junction Temperature......................................................+150°C
StorageTemperatureRange.............................-65°Cto+160°C
Lead Temperature (soldering, 10s).................................+300°C
Soldering Temperature (reflow).......................................+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics (Note 1)
TDFN
Junction-to-AmbientThermalResistance(θJA) .......67.3°C/W
Junction-to-CaseThermalResistance(θJC)............18.2°C/W
Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY (VIN)
InputVoltageRange
VIN
4.5
60
V
Input Supply Current
IIN-SH
VEN = 0V, shutdown mode
0.9
3.5
µA
IIN-HIBERNATE VFB = 1.03 x VOUT,MAX17501A/B
90
145
IIN-SW
Normal
switching mode,
no load
MAX17501E/F/G
4.75
6.75
mA
MAX17501H
2.5
3.6
ENABLE/UVLO (EN/UVLO)
EN Threshold
VENR
VEN rising
1.194
1.218
1.236
V
VENF
VEN falling
1.114
1.135
1.156
VEN-TRUESD VEN falling, true shutdown
0.7
EN Input Leakage Current
IEN
VEN = VIN = 60V, TA = +25°C
8
200
nA
LDO
VCCOutputVoltageRange
VCC
6V < VIN < 12V, 0mA < IVCC < 10mA,
12V < VIN < 60V, 0mA < IVCC < 2mA
4.65
5
5.35
V
VCC Current Limit
IVCC-MAX
VCC = 4.3V, VIN = 12V
15
40
80
mA
VCC Dropout
VCC-DO
VIN = 4.5V, IVCC = 5mA
4.1
V
VCC UVLO
VCC-UVR
VCC rising
3.85
4
4.15
V
VCC-UVF
VCC falling
3.55
3.7
3.85


Similar Part No. - MAX17501AATB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17501AATB++ MAXIM-MAX17501AATB+ Datasheet
1Mb / 22P
   60V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
More results

Similar Description - MAX17501AATB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17501 MAXIM-MAX17501_V01 Datasheet
1Mb / 22P
   60V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
MAX17501 MAXIM-MAX17501 Datasheet
3Mb / 16P
   60V, 500mA, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 5/12
MAX17541G MAXIM-MAX17541G Datasheet
939Kb / 17P
   42V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0; 6/15
MAX17541G MAXIM-MAX17541G_V01 Datasheet
1Mb / 17P
   42V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
MAX17502 MAXIM-MAX17502 Datasheet
3Mb / 17P
   60V, 1A, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 5/12
MAX17502 MAXIM-MAX17502_V01 Datasheet
2Mb / 21P
   60V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
MAX17502 MAXIM-MAX17502_13 Datasheet
3Mb / 21P
   60V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 11/12
MAX17551 MAXIM-MAX17551_V01 Datasheet
1Mb / 25P
   60V, 50mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2021
MAX15062 MAXIM-MAX15062_V01 Datasheet
3Mb / 23P
   60V, 300mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converters
2016
MAX17542G MAXIM-MAX17542G_V01 Datasheet
1Mb / 17P
   42V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com