Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5338RBCPZ-RL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5338RBCPZ-RL7
Description  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338RBCPZ-RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5338RBCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5338R
Data Sheet
Rev. 0 | Page 8 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. 16-Lead LFCSP Pin Configuration
Figure 4. 16-Lead TSSOP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
LFCSP
TSSOP
1
3
VOUTA
Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
16
2
NC
No Connect. Do not connect to this pin.
2
4
GND
Ground Reference Point for All Circuitry on the Part.
3
5
VDD
Power Supply Input. This part can be operated from 2.7 V to 5.5 V. Decouple the supply with a
10 µF capacitor in parallel with a 0.1 µF capacitor to GND.
4
6
NC
No Connect. Do not connect to this pin.
5
7
VOUTB
Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
6
8
SDA
Serial Data Input. This pin is used in conjunction with the SCL line to clock data into or out of the
24-bit input shift register. SDA is a bidirectional, open-drain data line that should be pulled to the
supply with an external pull-up resistor.
7
9
LDAC
LDAC can be operated in two modes, asynchronous and synchronous. Pulsing this pin low allows
any or all DAC registers to be updated if the input registers have new data. This allows both DAC
outputs to simultaneously update. This pin can also be tied permanently low.
8
10
GAIN
Gain Select. When this pin is tied to GND, both DAC outputs have a span from 0 V to VREF. If this pin
is tied to VLOGIC, both DACs output a span of 0 V to 2 × VREF.
9
11
VLOGIC
Digital Power Supply. Voltage ranges from 1.8 V to 5.5 V.
10
12
A0
Address Input. Sets the first LSB of the 7-bit slave address.
11
13
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into or out of the 24-
bit input register.
12
14
A1
Address Input. Sets the second LSB of the 7-bit slave address.
13
15
RESET
Asynchronous Reset Input. The RESET input is falling edge sensitive. When RESET is low, all LDAC
pulses are ignored. When RESET is activated, the input register and the DAC register are updated
with zero scale or midscale, depending on the state of the RSTSEL pin.
14
16
RSTSEL
Power-On Reset Select. Tying this pin to GND powers up both DACs to zero scale. Tying this pin to
VLOGIC powers up both DACs to midscale.
15
1
VREF
Reference Voltage. The AD5338R has a common reference pin. When using the internal reference,
this is the reference output pin. When using an external reference, this is the reference input pin.
The default for this pin is as a reference output.
Not applicable
EPAD
Exposed Pad. The exposed pad must be tied to GND.
12
11
10
1
3
4
A1
SCL
A0
9
VLOGIC
VOUTA
VDD
2
GND
NC
TOP VIEW
(Not to Scale)
AD5338R
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO
THIS PIN.
2. THE EXPOSED PAD MUST BE TIED TO GND.
1
2
3
4
5
6
7
8
NC
VOUTA
GND
VOUTB
NC
VDD
VREF
SDA
16
15
14
13
12
11
10
9
RESET
A1
SCL
GAIN
LDAC
VLOGIC
A0
RSTSEL
TOP VIEW
(Not to Scale)
AD5338R
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.


Similar Part No. - AD5338RBCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5338RBCPZ-RL7 AD-AD5338RBCPZ-RL7 Datasheet
1Mb / 27P
   Dual 10-Bit nanoDAC
More results

Similar Description - AD5338RBCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5316R AD-AD5316R Datasheet
1Mb / 24P
   Quad, 10-Bit nanoDAC Reference, I2C Interface
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com