Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH60W02C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH60W02C
Description  Turbo 2 ultrafast high voltage rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60W02C Datasheet(HTML) 3 Page - STMicroelectronics

  STTH60W02C Datasheet HTML 1Page - STMicroelectronics STTH60W02C Datasheet HTML 2Page - STMicroelectronics STTH60W02C Datasheet HTML 3Page - STMicroelectronics STTH60W02C Datasheet HTML 4Page - STMicroelectronics STTH60W02C Datasheet HTML 5Page - STMicroelectronics STTH60W02C Datasheet HTML 6Page - STMicroelectronics STTH60W02C Datasheet HTML 7Page - STMicroelectronics STTH60W02C Datasheet HTML 8Page - STMicroelectronics STTH60W02C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH60W02C
Characteristics
Doc ID 023073 Rev 1
3/8
Table 5.
Dynamic electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IRM
Reverse recovery current
Tj = 125 °C
IF = 30 A, VR = 160 V
dIF/dt = -200 A/µs
8
10.5
A
QRR
Reverse recovery charge
220
nC
Sfactor
Softness factor
0.3
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, VR = 30 V
dIF/dt = -100 A/µs
24
30
ns
tfr
Forward recovery time
Tj = 25 °C
IF = 30 A, VFR = 1.1 V
dIF/dt = 200 A/µs
300
ns
VFP
Forward recovery voltage
Tj = 25 °C
2
3
V
Figure 1.
Average forward power dissipation
versus average forward current
(per diode)
Figure 2.
Forward voltage drop versus
forward current (per diode)
P
(W)
F(AV)
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
δ = 0.05
δ1
= 0.
δ = 0.2
δ = 0.5
δ = 1
= tp/T
tp
T
δ
IF(AV)(A)
I
FM(A)
0.1
1.0
10.0
100.0
1000.0
0.0
0.5
1.0
1.5
2.0
2.5
Tj=150 °C
(Maximum values)
Tj=150 °C
(Typical values)
Tj=25 °C
(Maximum values)
VFM(V)
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values, per
diode)
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp(s)
IRM(A)
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=160 V
Tj=125 °C
dIF/dt(A/µs)


Similar Part No. - STTH60W02C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH60W02CW ISC-STTH60W02CW Datasheet
317Kb / 2P
   Ultrafast Rectifier
More results

Similar Description - STTH60W02C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH6006W STMICROELECTRONICS-STTH6006W Datasheet
99Kb / 7P
   Turbo 2 ultrafast - high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com