Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3904 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 2N3904
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N3904 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2N3904 Datasheet HTML 1Page - Fairchild Semiconductor 2N3904 Datasheet HTML 2Page - Fairchild Semiconductor 2N3904 Datasheet HTML 3Page - Fairchild Semiconductor 2N3904 Datasheet HTML 4Page - Fairchild Semiconductor 2N3904 Datasheet HTML 5Page - Fairchild Semiconductor 2N3904 Datasheet HTML 6Page - Fairchild Semiconductor 2N3904 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
C
B
E
TO-92
C
B
E
B
C
C
SOT-223
E
NPN General Purpose Amplifier
This device is designed as a general purpose amplifier and switch.
The useful dynamic range extends to 100 mA as a switch and to
100 MHz as an amplifier.
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current - Continuous
200
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
 2001 Fairchild Semiconductor Corporation
Thermal Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
2N3904
*MMBT3904
**PZT3904
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
1,000
8.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
125
°C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
**Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2.
2N3904
MMBT3904
SOT-23
Mark: 1A
PZT3904
2N3904/MMBT3904/PZT3904, Rev A


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
Diotec Semiconductor
2N3904 DIOTEC-2N3904 Datasheet
98Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
   NPN Transistor TO-92
17/09/19 V1.0
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com