Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBW-04-197 Datasheet(PDF) 1 Page - Major League Electronics

Part # TBW-04-197
Description  .197cl Wire Protector Terminal Block Interlock
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

TBW-04-197 Datasheet(HTML) 1 Page - Major League Electronics

  TBW-04-197 Datasheet HTML 1Page - Major League Electronics TBW-04-197 Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.197cl Wire Protector Terminal Block
Interlock
TBW-04-197-XX-XX-LF
03 DEC 08
Major League Electronics .197 cl Wire Protector Terminal Blocks
A
A
No. of Positions
TBW-04-
XX
Ordering Information
-
02 - 24
197 -
Pitch
197 = .197 (5.00) cl
XX
Color
GR = Green (Standard)
BK = Black
BL = Blue
WH = White
GY = Grey
OR = Orange
YW = Yellow
RD = Red
BR = Brown
- LF
Lead Free
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Specifications
Current Rating: 10 Ampere
Voltage Rating: AC 250V
Wire Range: 14-24 AWG
Dielectric Withstanding Voltage: AC 1500V/1 minute
Insulation Resistance: DC 500V 500MΩ
Operating Temperature: -33°C to + 105°C
Max Torque: 3.04 lb-in (3.5kgf. cm)
Strip Length: .236-.276 (6-7mm)
Materials
1. Body: PA66 (Nylon), UL94 V-0
2. Screw: M2.5, C1018 Steel, Zinc Plated
3. Terminal: H62 Brass, Tin Plated
4. Contact: SUS301 Stainless Steel
Parts are subject to change without notice


Similar Part No. - TBW-04-197

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
TBW-00-197 MAJOR-LEAGUE-TBW-00-197 Datasheet
81Kb / 2P
   .197cl Wire Protector Terminal Block Interlock
TBW-02-197 MAJOR-LEAGUE-TBW-02-197 Datasheet
86Kb / 2P
   .197cl Wire Protector Terminal Block Interlock
TBW-06-197 MAJOR-LEAGUE-TBW-06-197 Datasheet
82Kb / 2P
   .197cl Wire Protector Terminal Block Non-Interlock
TBW-08-197 MAJOR-LEAGUE-TBW-08-197 Datasheet
81Kb / 2P
   .197cl Wire Protector Terminal Block Non-Interlock
More results

Similar Description - TBW-04-197

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
TBW-11-197 MAJOR-LEAGUE-TBW-11-197 Datasheet
81Kb / 2P
   .197cl Wire Protector Terminal Block Interlock
TBW-00-197 MAJOR-LEAGUE-TBW-00-197 Datasheet
81Kb / 2P
   .197cl Wire Protector Terminal Block Interlock
TBW-02-197 MAJOR-LEAGUE-TBW-02-197 Datasheet
86Kb / 2P
   .197cl Wire Protector Terminal Block Interlock
TBW-08-197 MAJOR-LEAGUE-TBW-08-197 Datasheet
81Kb / 2P
   .197cl Wire Protector Terminal Block Non-Interlock
TBW-06-197 MAJOR-LEAGUE-TBW-06-197 Datasheet
82Kb / 2P
   .197cl Wire Protector Terminal Block Non-Interlock
TBWH-11-197 MAJOR-LEAGUE-TBWH-11-197 Datasheet
94Kb / 2P
   .197cl Wire Protector Terminal Block Header
TBS-01-197 MAJOR-LEAGUE-TBS-01-197 Datasheet
98Kb / 2P
   .197cl Screwless Terminal Block Interlock
TBS-00-197 MAJOR-LEAGUE-TBS-00-197 Datasheet
80Kb / 2P
   .197cl Screwless Terminal Block Interlock
TBR-04-197 MAJOR-LEAGUE-TBR-04-197 Datasheet
82Kb / 2P
   .197cl Rising Clamp Terminal Block Interlock
TBR-03-197 MAJOR-LEAGUE-TBR-03-197 Datasheet
79Kb / 2P
   .197cl Rising Clamp Terminal Block Interlock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com