Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393818-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-1393818-4
Description  Cradle N Relay V23154/V23162
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393818-4 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1393818-4 Datasheet HTML 1Page - Tyco Electronics 2-1393818-4 Datasheet HTML 2Page - Tyco Electronics 2-1393818-4 Datasheet HTML 3Page - Tyco Electronics 2-1393818-4 Datasheet HTML 4Page - Tyco Electronics 2-1393818-4 Datasheet HTML 5Page - Tyco Electronics 2-1393818-4 Datasheet HTML 6Page - Tyco Electronics 2-1393818-4 Datasheet HTML 7Page - Tyco Electronics 2-1393818-4 Datasheet HTML 8Page - Tyco Electronics 2-1393818-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
n
Multi purpose relay
n
Highly reliable
n
Great variety of contact arrangements and materials to meet
specific applications
n
Contacts for signal loads and currents up to 5 A
n
DC coil, operating voltage 1.5VDC to 125VDC; AC, latching and non-
latching coils on request
n
Sockets for easy and quick mounting of relays
Typical applications
Measurement and control equipment, control equipment in nuclear
powerplant, press controls with high safety requirements (force-guided
springs), telecommunications
Max. DC breaking capacity, contact sets B1xx, C1xx
Max. DC breaking capacity, contact sets F1xx
Cradle N Relay V23154/V23162
Contact Data
Product code block 3
B104/B110/B112
B604/B610/B612
C104/C110/C112
C404/C410
F104 to F107
Contact arrangement
max. 4 form C (4 CO)contacts, 2 form B (2 NC) contacts or 6 form A (6 NO) contacts (see product code table)
Max. switching voltage
150VDC
36VDC
150VDC
36VDC
150VDC
125VAC
30VAC
125VAC
30VAC
125VAC
Rated current
2A
0.2A
2A
0.2A
5A
Limiting continuous current
at max. ambient temperature
2A
2A
2A
2A
5A
Breaking capacity max.
35 to 70W
5W, 5VA
35 to 70W
5W, 5VA
50 to 140W
see DC load breaking capacity curve below 50VA
-
50VA
-
500VA
Contact material
silver, gold-flashed
gold F
silver, gold-flashed
gold F
silver, gold-flashed
Contact style
single contact
single contact
bifurcated contacts
bifurcated contacts
single contact
Frequency of operation, without load, max. 50 ops./s
50 ops./s
50 ops./s
50 ops./s
10 ops./s
Operate / release time typ.
7.5/3ms
7.5/3ms
7.5/3ms
7.5/3ms
7.5/3ms
Mechanical endurance
app. 107 ops.
app. 107 ops.
app. 107 ops.
app. 107 ops.
app. 107 ops.
70 W
40 W
150
120
100
80
60
50
40
30
V_
U
0,3
0,4
0,5
0,6
0,8
1
1,5
2A
I
DC current [A]
safe breaking, no stationary arc
contact material Ag, gold flashed
250
200
150
100
80
60
50
40
30
20
V_
100 W
140 W
50 W
0,2
0,3
0,4
0,5 0,6
0,8
1
1,5
2
3
4
5A
I
U
DC current [A]
safe breaking, no stationary arc
contact material Ag, gold flashed


Similar Part No. - 2-1393818-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1393818-4 TEC-2-1393818-4 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
2-1393818-4 TEC-2-1393818-4 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
More results

Similar Description - 2-1393818-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393808-8 MACOM-2-1393808-8 Datasheet
1Mb / 10P
   Cradle N Relay V23154/V23162
2-1393810-7 MACOM-2-1393810-7 Datasheet
1Mb / 10P
   Cradle N Relay V23154/V23162
2-1393819-0 MACOM-2-1393819-0 Datasheet
1Mb / 10P
   Cradle N Relay V23154/V23162
2-1393819-9 MACOM-2-1393819-9 Datasheet
1Mb / 10P
   Cradle N Relay V23154/V23162
2-1393810-5 MACOM-2-1393810-5 Datasheet
1Mb / 10P
   Cradle N Relay V23154/V23162
2-1393819-3 MACOM-2-1393819-3 Datasheet
1Mb / 10P
   Cradle N Relay V23154/V23162
2-1393809-1 MACOM-2-1393809-1 Datasheet
1Mb / 10P
   Cradle N Relay V23154/V23162
2-1393810-6 MACOM-2-1393810-6 Datasheet
1Mb / 10P
   Cradle N Relay V23154/V23162
2-1393818-2 MACOM-2-1393818-2 Datasheet
1Mb / 10P
   Cradle N Relay V23154/V23162
2-1393810-1 MACOM-2-1393810-1 Datasheet
1Mb / 10P
   Cradle N Relay V23154/V23162
2-1393810-3 MACOM-2-1393810-3 Datasheet
1Mb / 10P
   Cradle N Relay V23154/V23162
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com