Electronic Components Datasheet Search |
|
2-1393816-5 Datasheet(PDF) 2 Page - Tyco Electronics |
|
2-1393816-5 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 4 page 04-2011, Rev. 0411 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 AXICOM Signal Relays Cradle W Relay V23005 (Continued) Coil Data Magnetic system neutral Coil voltage range 6 to 220 VAC (50Hz/ 60Hz) Operative range, IEC 61810 1 Operating voltage 80% of rated coil voltage Rated coil power, typ. 1.15VA Max. coil temperature 100°C Thermal resistance 35K/W Coil versions, AC coil Coil Rated Operate Coil Rated coil code voltage voltage resistance power VAC VAC Ω±15% VA 1) 015 6 4.8 8 1.15 017 12 9.6 40 1.15 021 18 14.4 108 1.15 010 24 19.2 170 1.15 009 42 33.6 550 1.15 019 48 38.4 620 1.15 008 60 48 1000 1.15 007 110 88 3200 1.15 004 220 176 14000 1.15 1) Typical value. All figures are given for coil without pre-energization, at ambient temperature +23°C. Insulation Data B1xx,B6xx,C1xx,C4xx F1xx Initial dielectric strength between coil and frame 500VACrms at rated voltages ≤60V 2000VACrms at rated voltages > 60V between contact and contact 500VACrms 1000VACrms between contact and frame 500VACrms 1000VACrms Initial insulation resistance, at 500 VDC > 106Ω Other Data Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content refer to the Product Compliance Support Center at www.te.com/customersupport/rohssupportcenter Ambient temperature -40 to + 70°C Category of environmental protection IEC 61810 RT I - dust protected Degree of protection, IEC 60529 IP 40 Terminal type solder terminals, suitable for plug-in-and socket connection plus srew fixing Weight V23003-A0xxx Size I approx. 35g V23003-B0xxx Size II approx. 40g Washing not recommended Ultrasonic cleaning not recommended Packaging unit 5 pcs. Accessories For details see datasheet Cradle Relay, Accessories and Mounting Terminal assignment 2 form C (2 CO) V23005-xxxxx-Bx04 V23005-xxxxx-Cx04 Size I 2 form A (2 NO) V23005-xxxxx-F105 2 form B (2 NC) V23005-xxxxx-F107 1 form A + 1 form B (1 NO + 1 NC) V231005-xxxxx-F106 Size II 4 form C (4 CO) V231005-xxxxx-Bx10 V231005-xxxxx-Cx10 2 form C (2 CO) V231005-xxxxx-F104 Coil terminals: 1, 4 |
Similar Part No. - 2-1393816-5 |
|
Similar Description - 2-1393816-5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |