Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5239B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 1N5239B
Description  Absolute Maximum Ratings
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5239B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  1N5239B Datasheet HTML 1Page - Fairchild Semiconductor 1N5239B Datasheet HTML 2Page - Fairchild Semiconductor 1N5239B Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5226B - 1N5257B Series Half Watt Zeners
Device
VZ
(V)
ZZ
(
Ω)
IZT
(mA)
ZZK
(
Ω)
IZK
(mA)
VR
(V)
IR
(
µA)
TC
(%/
°C)
1N5226B
1N5227B
1N5228B
1N5229B
3.3
3.6
3.9
4.3
28
24
23
22
20
20
20
20
1,600
1,700
1,900
2,000
0.25
0.25
0.25
0.25
1.0
1.0
1.0
1.0
25
15
10
5.0
- 0.07
- 0.065
- 0.06
+/- 0.055
1N5230B
1N5231B
1N5232B
1N5233B
4.7
5.1
5.6
6.0
19
17
11
7.0
20
20
20
20
1,900
1,600
1,600
1,600
0.25
0.25
0.25
0.25
2.0
2.0
3.0
3.5
5.0
5.0
5.0
5.0
+/- 0.03
+/- 0.3
0.038
0.038
1N5234B
1N5235B
1N5236B
1N5237B
1N5238B
6.2
6.8
7.5
8.2
8.7
7.0
5.0
6.0
8.0
8.0
20
20
20
20
20
1,000
750
500
500
600
0.25
0.25
0.25
0.25
0.25
4.0
5.0
6.0
6.5
6.5
5.0
3.0
3.0
3.0
3.0
0.045
0.05
0.058
0.062
0.065
1N5239B
1N5240B
1N5241B
1N5242B
9.1
10
11
12
10
17
22
30
20
20
20
20
600
600
600
600
0.25
0.25
0.25
0.25
7.0
8.0
8.4
9.1
3.0
3.0
2.0
1.0
0.068
0.075
0.076
0.077
VF Foward Voltage = 1.1 V Maximum @ IF = 200 mA for all 1N5200 series
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Tolerance: B = 5%
Electrical Characteristics
TA = 25°C unless otherwise noted
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed
or low duty cycle operations.
*These ratings are limiting values above which the serviceability of the diode may be impaired.
**Non-recurrent square wave PW= 8.3 ms, TA= 55 degrees C.
@
@
@
Parameter
Value
Units
Storage Temperature Range
-65 to +200
°C
Maximum Junction Operating Temperature
+ 200
°C
Lead Temperature (1/16” from case for 10 seconds)
+ 230
°C
Total Device Dissipation
Derate above 75
°C
500
4.0
mW
mW/
°C
Surge Power**
10
W
NOTE: National preferred devices in BOLD
DO-35
©1997 Fairchild Semiconductor Corporation
1N5200B Rev. A


Similar Part No. - 1N5239B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5239B VISHAY-1N5239B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5239B VISHAY-1N5239B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5239B MCC-1N5239B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5239B VISHAY-1N5239B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Pan Jit International I...
1N5239B PANJIT-1N5239B Datasheet
81Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5239B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5221B FAIRCHILD-1N5221B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
logo
Shindengen Electric Mfg...
K1V36W SHINDENGEN-K1V36W_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
Xilinx, Inc
DS312 XILINX-DS312 Datasheet
5Mb / 233P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
BD1 NJSEMI-BD1 Datasheet
46Kb / 1P
   absolute maximum ratings
logo
Shindengen Electric Mfg...
K1V14 SHINDENGEN-K1V14_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
2N3957 NJSEMI-2N3957 Datasheet
224Kb / 2P
   ABSOLUTE MAXIMUM RATINGS
logo
SHENZHEN YONGERJIA INDU...
MA153 WINNERJOIN-MA153 Datasheet
59Kb / 1P
   ABSOLUTE MAXIMUM RATINGS
logo
New Jersey Semi-Conduct...
IRFF220 NJSEMI-IRFF220 Datasheet
80Kb / 2P
   Absolute Maximum Ratings
logo
Roithner LaserTechnik G...
RLT808_100MG ROITHNER-RLT808_100MG Datasheet
86Kb / 1P
   ABSOLUTE MAXIMUM RATINGS
logo
New Jersey Semi-Conduct...
2N1924 NJSEMI-2N1924 Datasheet
675Kb / 2P
   absolute maximum ratings
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com