Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7362-3 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7362-3
Description  3 dB Fixed Attenuator, SMA Female To N Male Rated To 25 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7362-3 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7362-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7362-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7362-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 1
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
Gold
Coupling Nut Material and Plating
Stainless Steel, Passivated
Coupling Nut Plating Specification
Stainless Steel
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
Body Plating Specification
Passivated
Connector 2
Type
N Male
Contact Material and Plating
Brass, Gold
Outer Conductor Material and Plating
Brass, Silver
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/3db-fixed-sma-female-n-male-25-watts-attenuator-pe7362-3-p.aspx
3 dB Fixed Attenuator, SMA Female To N Male Rated To 25 Watts Up To 18 GHz from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
3 dB Fixed Attenuator, SMA Female To N Male
Rated To 25 Watts Up To 18 GHz
PE7362-3
PE7362-3 REV NC


Similar Part No. - PE7362-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7362-30 PASTERNACK-PE7362-30 Datasheet
884Kb / 3P
   30 dB Fixed Attenuator, SMA Female To N Male Rated To 25 Watts Up To 18 GHz
More results

Similar Description - PE7362-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7356-3 PASTERNACK-PE7356-3 Datasheet
327Kb / 3P
   3 dB Fixed Attenuator, SMA Male To N Female Rated To 25 Watts Up To 18 GHz
PE7018-3 PASTERNACK-PE7018-3 Datasheet
265Kb / 3P
   3 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-3 PASTERNACK-PE7357-3 Datasheet
328Kb / 3P
   3 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7361-3 PASTERNACK-PE7361-3 Datasheet
328Kb / 3P
   3 dB Fixed Attenuator, SMA Female To N Female Rated To 25 Watts Up To 18 GHz
PE7363-3 PASTERNACK-PE7363-3 Datasheet
328Kb / 3P
   3 dB Fixed Attenuator, SMA Female To SMA Female Rated To 25 Watts Up To 18 GHz
PE7358-3 PASTERNACK-PE7358-3 Datasheet
328Kb / 3P
   3 dB Fixed Attenuator, SMA Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7358-30 PASTERNACK-PE7358-30 Datasheet
328Kb / 3P
   3 dB Fixed Attenuator, SMA Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7362-6 PASTERNACK-PE7362-6 Datasheet
883Kb / 3P
   6 dB Fixed Attenuator, SMA Female To N Male Rated To 25 Watts Up To 18 GHz
PE7356-40 PASTERNACK-PE7356-40 Datasheet
328Kb / 3P
   40 dB Fixed Attenuator, SMA Male To N Female Rated To 25 Watts Up To 18 GHz
PE7356-20 PASTERNACK-PE7356-20 Datasheet
328Kb / 3P
   20 dB Fixed Attenuator, SMA Male To N Female Rated To 25 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com