Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3121 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C3121
Description  TYPE CMP / CL3P
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C3121 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C3121 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C3121
Date:
7/7/2007
Revision Level:
0
6C 18 7/26 BC FLEX FLEX
TYPE CMP / CL3P
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#18 AWG 7/26 Bare Copper
0.008" Wall FLEXGUARD*
0.015"Wall FLEXGUARD* - Natural
0.047" nom.
CAROL (R) 18 AWG -- C3121 -- 75C E60233-8 (UL) CL3P --- C(UL) CMP -- MADE IN USA
DATE CODE
(PRINT EVERY 2 FT)
6 Conductors @ 4.00" LHL.
0.189" nom.
-Plenum ripcord under jacket.
0.063" nom.
0.215" +/- 0.011"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
75C
150 Vrms (CL3P) / 300Vrms (CMP)
5.6 Ohms/1000 ft. nom. @ 20C
National Electrical Code
Article 725
UL Standard 13
Type CL3P
National Electrical Code
Article 800
UL Standard 444
Type CMP
1
2
3
4
5
6
Black
White
Red
Green
Brown
Blue
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - C3121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C312 ETC2-C312 Datasheet
696Kb / 4P
   MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Intronics Power, Inc.
C312 INTRONICS-C312 Datasheet
646Kb / 4P
   MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
General Cable Technolog...
C3120 GENERAL-C3120 Datasheet
73Kb / 1P
   TYPE CMP / CL3P
C3122 GENERAL-C3122 Datasheet
73Kb / 1P
   TYPE CMP / CL3P
C3123 GENERAL-C3123 Datasheet
74Kb / 1P
   TYPE CMP / CL3P
More results

Similar Description - C3121

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3123 GENERAL-C3123 Datasheet
74Kb / 1P
   TYPE CMP / CL3P
C3122 GENERAL-C3122 Datasheet
73Kb / 1P
   TYPE CMP / CL3P
C3064 GENERAL-C3064 Datasheet
74Kb / 1P
   TYPE CMP / CL3P
C3124 GENERAL-C3124 Datasheet
74Kb / 1P
   TYPE CMP / CL3P
C3062 GENERAL-C3062 Datasheet
74Kb / 1P
   TYPE CMP / CL3P
C3063 GENERAL-C3063 Datasheet
74Kb / 1P
   TYPE CMP / CL3P
C3065 GENERAL-C3065 Datasheet
74Kb / 1P
   TYPE CMP / CL3P
C3118 GENERAL-C3118 Datasheet
73Kb / 1P
   TYPE CMP / CL3P
C3110 GENERAL-C3110 Datasheet
73Kb / 1P
   TYPE CMP / CL3P
C3111 GENERAL-C3111 Datasheet
73Kb / 1P
   TYPE CMP / CL3P
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com