Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2587P897 Datasheet(PDF) 2 Page - Agere Systems

Part # D2587P897
Description  Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2587P897 Datasheet(HTML) 2 Page - Agere Systems

  D2587P897 Datasheet HTML 1Page - Agere Systems D2587P897 Datasheet HTML 2Page - Agere Systems D2587P897 Datasheet HTML 3Page - Agere Systems D2587P897 Datasheet HTML 4Page - Agere Systems D2587P897 Datasheet HTML 5Page - Agere Systems D2587P897 Datasheet HTML 6Page - Agere Systems D2587P897 Datasheet HTML 7Page - Agere Systems D2587P897 Datasheet HTML 8Page - Agere Systems D2587P897 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Wavelength-Selected, High-Power D2587P-Type (with Wavelength
Data Sheet, Rev. 2
Locker)/D2547P-Type Isolated DFB Laser Modules
July 2001
2
2
Agere Systems Inc.
Description (continued)
Principles of Operation (Controlled Wave-
length)
The single-channel, wavelength-selected DFB (ILM) pack-
age contains internal wavelength-discriminating optics, i.e.,
two etalons and associated photodiodes. The output con-
sists of analog signals suitable for controlling the electrical
current of the thermoelectric cooler (TEC) and the DFB
laser.
Controlled Feedback
The module contains an internal optical isolator that sup-
presses optical feedback in laser-based, fiber-optic sys-
tems. Light reflected back to the laser is attenuated a
minimum of 30 dB.
Controlled Temperature
An integral TEC provides stable thermal characteristics.
The TEC allows for heating and cooling of the laser chip to
maintain a temperature of 25 °C for case temperatures from
–25 °C to +70 °C. The laser temperature is monitored by
the internal thermistor, which can be used with external cir-
cuitry to control the laser chip temperature.
Controlled Power
An internal, InGaAs, PIN photodiode functions as the back-
facet monitor. The photodiode monitors emission from the
rear facet of the laser and, when used in conjunction with
control circuitry, can control optical power launched into the
fiber. Normally, this configuration is used in a feedback
arrangement to maintain consistent laser output power.
Standard Package
The laser module is fabricated in a 14-pin, hermetic, metal/
ceramic butterfly package that incorporates a bias tee that
separates the dc-bias path from the RF input. The RF input
has a nominal 25
Ω impedance.
The laser module is equipped with
Fujikura* polarization-
maintaining fiber (PMF). The fiber is PANDA type and is the
same fiber that is used on the Agere Systems Inc. lithium
niobate modulators. It has a mode field diameter of
10.5
µm, a cladding diameter of 125 µm ±3 µm, and a
loose tube jacketed fiber 900
µm in diameter. Figure 1
shows the orientation of polarization in the fiber.
Agere Systems’ optoelectronic components are being qual-
ified to rigorous internal standards that are consistent with
Telcordia Technologies TR-NWT-000468. All design and
manufacturing operations are
ISO § 9001 certified. The
module is being fully qualified for central office applications.
*
Fujikura is a registered trademark of Fujikura Ltd.
Telcordia Technologies is a trademark of Telcordia Technologies
Inc.
§
ISO is a registered trademark of The International Organization for
Standardization.
Figure 1. Polarization-Maintaining Fiber
Pin Information
1. A positive current through the thermoelectric heat pump cools the
laser.
2. Both leads should be grounded for optimum performance.
Table 1. Pin Descriptions
Pin
D2587P-Type
D2547P-Type
1
Thermistor
Thermistor
2
Thermistor
Thermistor
3
Laser dc Bias
(Cathode) (–)
Laser dc Bias
(Cathode) (–)
4
Back-facet Monitor
Anode (–)
Back-facet Monitor
Anode (–)
5
Back-facet Monitor
Cathode (+)
Back-facet Monitor
Cathode (+)
6TEC (+)1
TEC (+)1
7TEC (–)1
TEC (–)1
8
Case Ground
Case Ground
9
λ Photodiode 2 Anode
Case Ground
10
λ Photodiode 1 Anode
Case Ground
11
Laser Anode (+) 2
Laser Anode (+) 2
12
RF Laser Input
Cathode (–)
RF Laser Input
Cathode (–)
13
Laser Anode (+) 2
Laser Anode (+) 2
14
NC
Case Ground
CORE
STRESS ROD
PRINCIPLE POLARIZATION
AXIS
CLADDING
INNER COATING
OUTER COATING
(SILICON & ACRYLATE)
1-771(C).a


Similar Part No. - D2587P897

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D2580 SANYO-D2580 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
D2581 SANYO-D2581 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
logo
Toshiba Semiconductor
D2586 TOSHIBA-D2586 Datasheet
211Kb / 4P
   NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
More results

Similar Description - D2587P897

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Agere Systems
D2570 AGERE-D2570 Datasheet
112Kb / 12P
   D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
   Laser Diode Modules: By Wavelength
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
   Broadband (Fabry-Perot) Wavelength Locker
logo
Agere Systems
CW20P AGERE-CW20P Datasheet
72Kb / 6P
   CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
logo
CT Micro International ...
RGBP080806-PCTC7 CTMICRO-RGBP080806-PCTC7 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev 2 Jan, 2021
BYRP161504-PBTC2 CTMICRO-BYRP161504-PBTC2 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev2 Jan, 2021
GRBC212110-PCTC6 CTMICRO-GRBC212110-PCTC6 Datasheet
1Mb / 10P
   Multi-Wavelength SMD Type
Rev1 Sep, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com