Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393680-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-1393680-4
Description  Cable jack 1.6/5.6 (75 ohm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393680-4 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1393680-4 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2-1393680-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393680-2 MACOM-2-1393680-2 Datasheet
133Kb / 1P
   Cable jack 1.6/5.6 (75 ohm)
2-1393680-5 MACOM-2-1393680-5 Datasheet
133Kb / 1P
   Cable jack 1.6/5.6 (75 ohm)
More results

Similar Description - 2-1393680-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393680-2 MACOM-2-1393680-2 Datasheet
133Kb / 1P
   Cable jack 1.6/5.6 (75 ohm)
2-1393680-5 MACOM-2-1393680-5 Datasheet
133Kb / 1P
   Cable jack 1.6/5.6 (75 ohm)
2-1393681-3 MACOM-2-1393681-3 Datasheet
41Kb / 1P
   Right angle PCB jack 75 ohm 1.6/5.6
logo
Rosenberger Hochfrequen...
88K171-K00L5 ROSENBERGER-88K171-K00L5 Datasheet
40Kb / 2P
   Adaptor 1.6/5.6 III JACK ??BNC 75 ??JACK
71S188-K00L5 ROSENBERGER-71S188-K00L5 Datasheet
43Kb / 2P
   Adaptor BNC 75 plug ??1.6/5.6 jack
78K102-K00L5 ROSENBERGER-78K102-K00L5 Datasheet
38Kb / 2P
   ADAPTOR 1.6/5.6 JACK - JACK
78K02-K00L5 ROSENBERGER-78K02-K00L5 Datasheet
38Kb / 2P
   Adaptor 1.6/5.6 JACK - JACK
logo
Pasternack Enterprises,...
PE36129 PASTERNACK-PE36129 Datasheet
274Kb / 1P
   CABLE ASSEMBLY, RG179B/U 1.6/5.6 PLUG TO 75 OHM BNC MALE
PE36131 PASTERNACK-PE36131 Datasheet
111Kb / 1P
   CABLE ASSEMBLY, RG187A/U,1.6/5.6 PLUG TO 75 OHM BNC MALE
logo
Rosenberger Hochfrequen...
78K104-400L5 ROSENBERGER-78K104-400L5 Datasheet
42Kb / 2P
   1.6/5.6 STRAIGHT JACK PCB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com